Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV16 Datasheet(PDF) 10 Page - STMicroelectronics

Part # DTV16
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV16 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DTV16 Datasheet HTML 2Page - STMicroelectronics DTV16 Datasheet HTML 3Page - STMicroelectronics DTV16 Datasheet HTML 4Page - STMicroelectronics DTV16 Datasheet HTML 5Page - STMicroelectronics DTV16 Datasheet HTML 6Page - STMicroelectronics DTV16 Datasheet HTML 7Page - STMicroelectronics DTV16 Datasheet HTML 8Page - STMicroelectronics DTV16 Datasheet HTML 9Page - STMicroelectronics DTV16 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
PACKAGE DATA
ISOWATT220AC (plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.40
2.75
0.094
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
H
10.00
10.40 0.394
0.409
L2
16.00
0.630
L3
28.60
30.60 1.125
1.205
L6
15.90
16.40 0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126
Cooling method : C.
Torque value : 0.55 m.N typ (0.70 m.N max).
Electrical isolation : 2000V DC
Capacitance : 12 pF
F
G
F1
H
D
E
A
B
L7
L2
L6
L3
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
DTV16D
DTV32D
DTV56D
DTV64D
DTV82D
DTV110D
DTV16D
DTV32D
DTV56D
DTV64D
DTV82D
DTV110D
TO-220AC
1.86g
50
Tube
DTV16F
DTV32F
DTV56F
DTV64F
DTV82F
DTV110F
DTV16F
DTV32F
DTV56F
DTV64F
DTV82F
DTV110F
ISOWATT220AC
2g
50
Tube
Epoxy meets UL94, V0
DTVseries
10/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com