Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2387 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2387 Datasheet HTML 1Page - NXP Semiconductors LPC2387 Datasheet HTML 2Page - NXP Semiconductors LPC2387 Datasheet HTML 3Page - NXP Semiconductors LPC2387 Datasheet HTML 4Page - NXP Semiconductors LPC2387 Datasheet HTML 5Page - NXP Semiconductors LPC2387 Datasheet HTML 6Page - NXP Semiconductors LPC2387 Datasheet HTML 7Page - NXP Semiconductors LPC2387 Datasheet HTML 8Page - NXP Semiconductors LPC2387 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LPC2387_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 1 February 2008
2 of 47
NXP Semiconductors
LPC2387
Fast communication chip
I Serial interfaces:
N Ethernet MAC with associated DMA controller. These functions reside on an
independent AHB.
N USB 2.0 full-speed device with on-chip PHY and associated DMA controller.
N Four UARTs with fractional baud rate generation, one with modem control I/O, one
with IrDA support, all with FIFO.
N CAN controller with two channels.
N SPI controller.
N Two SSP controllers, with FIFO and multi-protocol capabilities. One is an alternate
for the SPI port, sharing its interrupt and pins. These can be used with the GPDMA
controller.
N Three I2C-bus interfaces (one with open-drain and two with standard port pins).
N I2S (Inter-IC Sound) interface for digital audio input or output. It can be used with
the GPDMA.
I Other peripherals:
N SD/MMC memory card interface.
N 70 general purpose I/O pins with configurable pull-up/down resistors.
N 10-bit ADC with input multiplexing among 6 pins.
N 10-bit DAC.
N Four general purpose timers/counters with a total of 8 capture inputs and 10
compare outputs. Each timer block has an external count input.
N One PWM/timer block with support for three-phase motor control. The PWM has
two external count inputs.
N Real-Time Clock (RTC) with separate power pin, clock source can be the RTC
oscillator or the APB clock.
N 2 kB SRAM powered from the RTC power pin, allowing data to be stored when the
rest of the chip is powered off.
N WatchDog Timer (WDT). The WDT can be clocked from the internal RC oscillator,
the RTC oscillator, or the APB clock.
I Standard ARM test/debug interface for compatibility with existing tools.
I Emulation trace module supports real-time trace.
I Single 3.3 V power supply (3.0 V to 3.6 V).
I Three reduced power modes: idle, sleep, and power-down.
I Four external interrupt inputs configurable as edge/level sensitive. All pins on port 0
and port 2 can be used as edge sensitive interrupt sources.
I Processor wake-up from Power-down mode via any interrupt able to operate during
Power-down mode (includes external interrupts, RTC interrupt, USB activity, Ethernet
wake-up interrupt).
I Two independent power domains allow fine tuning of power consumption based on
needed features.
I Each peripheral has its own clock divider for further power saving.
I Brownout detect with separate thresholds for interrupt and forced reset.
I On-chip power-on reset.
I On-chip crystal oscillator with an operating range of 1 MHz to 24 MHz.
I 4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
the system clock. When used as the CPU clock, does not allow CAN and USB to run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com