Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM124AFKB.A Datasheet(PDF) 23 Page - Texas Instruments

Part # LM124AFKB.A
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM124AFKB.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM124AFKB.A Datasheet HTML 19Page - Texas Instruments LM124AFKB.A Datasheet HTML 20Page - Texas Instruments LM124AFKB.A Datasheet HTML 21Page - Texas Instruments LM124AFKB.A Datasheet HTML 22Page - Texas Instruments LM124AFKB.A Datasheet HTML 23Page - Texas Instruments LM124AFKB.A Datasheet HTML 24Page - Texas Instruments LM124AFKB.A Datasheet HTML 25Page - Texas Instruments LM124AFKB.A Datasheet HTML 26Page - Texas Instruments LM124AFKB.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
8.3 Feature Description
8.3.1 Unity-Gain Bandwidth
To calculate the gain bandwidth product, multiply the measured bandwidth of an amplifier by the measured
bandwidth gain. These devices have a high gain bandwidth of 1.2MHz.
8.3.2 Slew Rate
The slew rate is the rate at which an operational amplifier changes the output when there is a change on the
input. These devices have a 0.5V/μs slew rate.
8.3.3 Input Common-Mode Voltage Range
The valid common-mode voltage range is from device ground to VCC – 1.5V (VCC – 2V across temperature).
Inputs are able to exceed VCC up to the maximum VCC without device damage. Ensure that at least one input is
in the valid input common-mode voltage range for the output to be in the correct phase. If both inputs exceed the
valid range, then the output phase is undefined. If either input is less than –0.3V, limit the input current to 1mA,
and the output phase is undefined.
8.4 Device Functional Modes
These devices are powered on when the supply is connected. This device operates as a single-supply
operational amplifier or dual-supply amplifier depending on the application.
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA
LM2902, LM2902B, LM2902BA, LM2902K, LM2902KAV, LM2902KV
SLOS066AE – AUGUST 1975 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902
LM2902B LM2902BA LM2902K LM2902KAV LM2902KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com