Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7381 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25 W quad bridge car radio amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics TDA7381 Datasheet HTML 10Page - STMicroelectronics TDA7381 Datasheet HTML 11Page - STMicroelectronics TDA7381 Datasheet HTML 12Page - STMicroelectronics TDA7381 Datasheet HTML 13Page - STMicroelectronics TDA7381 Datasheet HTML 14Page - STMicroelectronics TDA7381 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application hints
TDA7381
12/15
Doc ID 4947 Rev 8
3.5
Stability and layout considerations
If properly layouted and hooked to standard carradio speakers, the TDA7381 will be
intrinsically stable with no need of external compensations such as output R-C cells. Due to
the high number of channels involved, this translates into a very remarkable components
saving if compared to similar devices on the market.
To simplify pc-board layout designs, each amplifier stage has its own power ground
externally accessible (pins 2,8,18,24) and one supply voltage pin for each couple of them.
Even more important, this makes it possible to achieve the highest possible degree of
separation among the channels, with remarkable benefits in terms of cross-talk and
distortion features.
About the layout grounding, it is particularly important to connect the AC-GND capacitor (C5)
to the signal GND, as close as possible to the audio inputs ground: this will guarantee high
rejection of any common mode spurious signals.
The SVR capacitor (C6) has also to be connected to the signal GND. Supply filtering
elements (C7, C8) have naturally to be connected to the power-ground and located as close
as possible to the Vs pins.
Pin 1, which is mechanically attached to the device’s tab, needs to be tied to the cleanest
power ground point in the pc-board, which is generally near the supply filtering capacitors.
Figure 10.
An example of circuit able to distinguish between the two occurrences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com