Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391LVPDUTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7391LVPDUTR
Description  40 W bridge car radio amplifier with low voltage operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391LVPDUTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7391LVPDUTR Datasheet HTML 15Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 16Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 17Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 18Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 19Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 20Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 21Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 22Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package information
TDA7391LV
20/23
DocID023014 Rev 3
4.3
PowerSO-20 (slug-up) package mechanical data
Figure 29. PowerSO-20 (slug-up) package mechanical drawing
Table 8. PowerSO-20 (slug-up) package mechanical data
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.25
3.5
0.128
0.1378
A2
3
3.15
3.3
0.1181
0.124
0.1299
a1
0.03
-0.04
0.0012
-0.0016
A4
0.8
1
0.0315
0.0394
A5
0.15
0.2
0.25
0.0059
0.0079
0.0098
b
0.4
0.53
0.0157
0.0209
c
0.23
0.32
0.0091
0.0126
D
15.8
16
0.622
0.6299
D1 (1)
9.4
9.8
0.3701
0.3858
D2
1
0.0394
E
13.9
14.5
0.5472
0.5709
e
1.12
1.27
1.42
0.0441
0.05
0.0559
e3
11.43
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com