Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7478 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7478
Description  Single chip RDS demodulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7478 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7478 Datasheet HTML 2Page - STMicroelectronics TDA7478 Datasheet HTML 3Page - STMicroelectronics TDA7478 Datasheet HTML 4Page - STMicroelectronics TDA7478 Datasheet HTML 5Page - STMicroelectronics TDA7478 Datasheet HTML 6Page - STMicroelectronics TDA7478 Datasheet HTML 7Page - STMicroelectronics TDA7478 Datasheet HTML 8Page - STMicroelectronics TDA7478 Datasheet HTML 9Page - STMicroelectronics TDA7478 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical specifications
TDA7478
6/11
Doc 10679 Rev 4
SARI
ARI detection sensitivity
-
3
-
-
mVrms
VREF
Reference
-
-
VS/2
-
V
Demodulator
Input pins (EXTRES, FSEL, TM)
all with internal pull down resistor
Input pin (OSEL)
with internal pull up resistor
IPD
Input current
VIN = 5 V (pull-down input)
15
-
30
μA
IPU
Input current
VIN = 0 V (pull-up input)
-25
-
-10
μA
VIH
Input voltage high
-
0.7 · VS 0.8 · VS
-V
VIL
Input voltage low
-
-
0.2 · VS 0.3 · VS
V
Output pins (RDCL, RDDA, QUAL, T57)
VOH
Output voltage high
IL = 0.5 mA
4
4.6
-
V
VOL
Output voltage low
IL = 0.5 mA
-
0.4
1
V
Oscillator
VCLL
Input level OSCIN pin
OSEL = open circuit
-
-
1
V
VCLH
Input level OSCIN pin
OSEL = open circuit
4
-
-
V
Amplitude OSCOUT
OSEL = open circuit
-
4.5
-
V
VPP
Amplitude OSCIN
(for external drive)
OSEL = GND, f = 4.332 MHz
OSEL = GND, f = 8.664 MHz
-
100
120
-
mVpp
mVpp
1.
The 3rd harmonic (57 kHz) must be less than -40 dB with respect to the input signal plus gain.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com