Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-TDA7479D Datasheet(PDF) 4 Page - STMicroelectronics

Part # E-TDA7479D
Description  Single chip RDS demodulator filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7479D Datasheet(HTML) 4 Page - STMicroelectronics

  E-TDA7479D Datasheet HTML 1Page - STMicroelectronics E-TDA7479D Datasheet HTML 2Page - STMicroelectronics E-TDA7479D Datasheet HTML 3Page - STMicroelectronics E-TDA7479D Datasheet HTML 4Page - STMicroelectronics E-TDA7479D Datasheet HTML 5Page - STMicroelectronics E-TDA7479D Datasheet HTML 6Page - STMicroelectronics E-TDA7479D Datasheet HTML 7Page - STMicroelectronics E-TDA7479D Datasheet HTML 8Page - STMicroelectronics E-TDA7479D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Block diagram and pin description
TDA7479
4/12
Table 2.
Pin description
No pin
Name
Description
1
QUAL
Output for signal quality indication (High = good)
2
RDDA
RDS data output
3
VREF
Reference voltage
4
MPX
RDS input signal
5
OSEL
Oscillator selector pin:
– open, closed to VS = quartz oscillator
– closed to GND = external driven
6
GND
Ground
7ARI
Output for ARI indication:
– high when RDS+ARI are present
– high when only ARI is present
– low when only RDS is present
– undefined when nos signal is present
8
FILOUT
Filter output
9
FSEL
Frequency selector pin:
– 100 kHz to VS = 17.328 MHz
– open = 4.332MHz
– closed to VS = 8.664 MHz
10
TM
Test mode pin:
– open = normal operation
– closed to VS = test mode
11
EXTRES
Reset pin:
– open = run mode
– -closed to VS = reset condition
12
VS
Supply voltage
13
OSCIN
Oscillator input
14
OSCOUT Oscillator output
15
T57
Testing output pin: 57 kHz clock output
16
RDCL
RDS clock output 1187.5 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com