Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5CD080UE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P5CD080UE
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080UE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P5CD080UE Datasheet HTML 6Page - NXP Semiconductors P5CD080UE Datasheet HTML 7Page - NXP Semiconductors P5CD080UE Datasheet HTML 8Page - NXP Semiconductors P5CD080UE Datasheet HTML 9Page - NXP Semiconductors P5CD080UE Datasheet HTML 10Page - NXP Semiconductors P5CD080UE Datasheet HTML 11Page - NXP Semiconductors P5CD080UE Datasheet HTML 12Page - NXP Semiconductors P5CD080UE Datasheet HTML 13Page - NXP Semiconductors P5CD080UE Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
10 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
P5CD012X0
PDM1.1
contactless chip card module (super 35 mm format,
8-contact)
SOT658
P5CD020X0
P5CD040X0
P5CD080X0
P5CD144X0
P5CD012A4
MOB4
plastic leadless module carrier package; 35 mm
wide tape
SOT500-2
P5CD020A4
P5CD040A4
P5CD080A4
P5CD144A4
P5CD012A6
MOB6
plastic leadless module carrier package; 35 mm
wide tape
SOT500-3
P5CD020A6
P5CD040A6
P5CD080A6
P5CD144A6
Table 3.
Ordering information …continued
Type number
Package
Name
Description
Version
Table 4.
Feature table
Product
type
EEPROM
[KB]
User
ROM
[KB]
Total
RAM
[KB]
CXRAM
[KB]
FXRAM
[KB]
Coprocessor
ISO 7816
IO pads
Interface option
FameXE
DES
AES
P5CD012
12
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CC021
20
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD020
20
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CC040
40
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD040
40
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CC073
72
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CN080
80
200
6
3.5
2.5
yes
yes
yes
3
contact + S2C
interface for NFC
P5CC080
80
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD080
80
200
6
3.5
2.5
yes
yes
yes
3
dual interface
P5CN144
144
200
6
3.5
2.5
yes
yes
yes
2
contact + S2C
interface for NFC
P5CC144
144
200
6
3.5
2.5
yes
yes
yes
3
contact
P5CD144
144
200
6
3.5
2.5
yes
yes
yes
3
dual interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com