Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1200
Description  Memory Micromodules General Information for D1, D2 and C Packaging
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1200 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1200 Datasheet HTML 1Page - STMicroelectronics ST1200 Datasheet HTML 2Page - STMicroelectronics ST1200 Datasheet HTML 3Page - STMicroelectronics ST1200 Datasheet HTML 4Page - STMicroelectronics ST1200 Datasheet HTML 5Page - STMicroelectronics ST1200 Datasheet HTML 6Page - STMicroelectronics ST1200 Datasheet HTML 7Page - STMicroelectronics ST1200 Datasheet HTML 8Page - STMicroelectronics ST1200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MICROMODULES
3/13
Table 3. Manufacturing Flow and Manufacturing Facility Locations
Table 4. Material Specification
Operation
Location and Facility
Wafer Diffusion
Rousset, France. 6” wafer fab.
Agrate, Italy. 6” wafer fab.: standard EEPROM only
Electrical Wafer Test
Rousset, France.
Agrate, Italy: standard EEPROM only
Assembly
Casablanca, Morocco.
Final Test
Rousset, France.
Casablanca, Morocco.
Material
Description
Tape
Basic material
MCTS T2 or IBIDEN rough, typical thickness 120
µm
Adhesive
Modified epoxy, typical thickness 18
µm
Laminated copper foil
Typical thickness 35
µm
Adhesive strength
> 0.8 N/mm at room temperature. Monitored by the tape manufacturer using
appropriate test methods
Tape Surface
The whole epoxy adhesive surface is controlled to be free of dirt, grease, cleaning
compounds and parting compounds
Surface roughness
Typically Rz: 3-12
µm at first accepted delivery
Contact surface
Nickel-gold, galvanised treatment
Nickel thickness
2
µm (min.)
Gold thickness
contact side, 0.1
µm (min.)
Total tape thickness
160
± 30 µm
Control, Palmer
“Special flat” diameter 3 mm, F = 1.5 N
Chip Interconnect
Dice bonding
Silver epoxy
Bonding wire
Gold 25
µm
Ring (D22 only)
Bronze
Protective coating
Material
UV epoxy, Black epoxy
Assembly
Casablanca, Morocco.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com