Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM40I Datasheet(PDF) 1 Page - I.L.M.E. S.p.A.

Part # ASM40I
Description  ILME Multipole Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILME [I.L.M.E. S.p.A.]
Direct Link  www.ilme.com
Logo ILME - I.L.M.E. S.p.A.

ASM40I Datasheet(HTML) 1 Page - I.L.M.E. S.p.A.

  ASM40I Datasheet HTML 1Page - I.L.M.E. S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ILME Multipole Connectors
ILME Multipole Connectors
Selection guide for 'Screw Termination Inserts'
Edition 2
For all other enclosures & termination
requirements, eg. crimp..spring..etc. Please
contact ILME UK LTD
ILME UK LTD
50 EVANS ROAD
VENTURE POINT
SPEKE
MERSEYSIDE. L24 9PB
10A Inserts
250V (600V UL/CSA)
Metal Enclosures
(for 3 & 4 pole)
Plastic Enclosures
(for 3 & 4 pole)
3 Poles + E
4 Poles + E
Straight hood
Angled hood
Coupler
Bulkhead base
Angled base
Straight hood
Angled hood
Coupler
Bulkhead base
Angled base
Male
Female
Male
Female
CKM03
CKF03
CKM04
CKF04
CKA03VS (pg11)
CKA03VAS (pg11)
CKAX03VGS (pg11) CKAX03I
CKAX03IA
CK03VS (pg11)
CK03VAS (pg11)
CK03VGS (pg11)
CK03I
CK03IA
MKAV20 (M20)
MKAVA20 (M20)
MKAXVG20 (M20)
MKV20 (M20)
MKVA20 (M20)
MKVG20 (M20)
To obtain IP66/67
rating for the
connector, order
part no:
Metal Covers:
Order according to
insert & enclosure
combination.
Cover (levers) for
female insert:
CKAX03CX
Cover (levers) for
male insert:
CKAX03CXA
Cover (pegs) for
female insert:
CKA03C
Cover (pegs) for
male insert:
CKA03CA
Plastic Covers:
Order according to
insert & enclosure
combination.
Cover (levers) for
female insert:
CK03CX
Cover (levers) for
male insert:
CK03CXA
Cover (pegs) for
female insert:
CK03C
Cover (pegs) for
male insert:
CK03CA
CKR65
(replacement screw)
16A - 80A Inserts
(500V min. - line to line)
Single Lever
Double Lever
Poles + E
Amps
Male
Female
Top Entry Hood
Side Entry Hood
Coupler
Bulkhead Housing
Surface Housing
Top Entry Hood
Side Entry Hood
Coupler
Bulkhead Housing
Surface Housing
6
16
CNEM06T
CNEF06T
CHV06L13 (pg13.5) CHO06L13 (pg13.5) CHV06LG (pg16)
CHI06L
CHP06L (pg16)
N/A
N/A
N/A
N/A
N/A
MHV06L20 (M20)
MHO06L20 (M20)
MHV06LG25 (M25)
MHP06L20 (M20)
10
16
CNEM10T
CNEF10T
CHV10L (pg16)
CHO10L (pg16)
CHV10LG (pg16)
CHI10L
CHP10L (pg16)
CHV10 (pg16)
CHO10 (pg16)
CHV10G (pg16)
CHI10
CHP10 (pg16)
MHV10L20 (M20)
MHO10L20 (M20)
MHV10LG25 (M25)
MHP10L20 (M20)
MHV10.20 (M20)
MHO10.20 (M20)
MHV10G25 (M25)
MHP10.20 (M20)
16
16
CNEM16T
CNEF16T
CHV16L (pg21)
CHO16L (pg21)
CHV16LG (pg21)
CHI16L
CHP16L (pg21)
CHV16 (pg21)
CHO16 (pg21)
CHV16G (pg21)
CHI16
CHP16 (pg21)
MHV16L25 (M25)
MHO16L25 (M25)
MHV16LG32 (M32)
MHP16L25 (M25)
MHV16.25 (M25)
MHO16.25 (M25)
MHV16G32 (M32)
MHP16.25 (M25)
24
16
CNEM24T
CNEF24T
CHV24L (pg21)
CHO24L (pg21)
CHV24LG (pg21)
CHI24L
CHP24L (pg21)
CHV24 (pg21)
CHO24 (pg21)
CHV24G (pg21)
CHI24
CHP24 (pg21)
MHV24L25 (M25)
MHO24L25 (M25)
MHV24LG32 (M32)
MHP24L25 (M25)
MHV24.25 (M25)
MHO24.25 (M25)
MHV24G32 (M32)
MHP24.25 (M25)
6
35
CPM06
CPF06
CHV16L (pg21)
CHO16L (pg21)
CHV16LG (pg21)
CHI16L
CHP16L (pg21)
CHV16 (pg21)
CHO16 (pg21)
CHV16G (pg21)
CHI16
CHP16 (pg21)
MHV16L25 (M25)
MHO16L25 (M25)
MHV16LG32 (M32)
MHP16L25 (M25)
MHV16.25 (M25)
MHO16.25 (M25)
MHV16G32 (M32)
MHP16.25 (M25)
4
80
CXM4/0
CXF4/0
CAV16L21 (pg21)
CAO16L21 (pg21)
CHV16LG (pg21)
CHI16L
CHP16 (pg21)
CAV16.21 (pg21)
CAO16.21 (pg21)
CHV16G (pg21)
CHI16
CHP16 (pg21)
MAV16L32 (M32)
MAO16L32 (M32)
MHV16LG32 (M32)
MHP16L25 (M25)
MAV16.32 (M32)
MAO16.32 (M32)
MHV16G32 (M32)
MHP16.25 (M25)
Pg Thread Glands
Size
IP65 Standard Plastic
IP65 Standard Metal
IP65 Strain Relief Metal
IP68 Nickel PlatedMetal
Pg11
CRR11
ASC11T
-
CRP11
Pg13.5
CRR13
ASC13T
CRS13.5
CRP13.5
Pg16
CRR16
ASC16T
CRS16
CRP16
Pg21
CRR21
ASC21T
CRS21
CRP21
Pg29
CRR29
ASC29T
CRS29
CRP29
Pg36
CRR36
ASC36T
CRS36
CRP36
Pg42
CRR42
ASC42T
CRS42
CRP42
Metric Thread Glands
Size
IP65 Standard Plastic
IP65 Standard Metal
IP68 Plastic
IP68 Nickel Plated Metal
M20
AGM20R
AGM20T
ASM20I
ASM20P
M25
AGM25R
AGM25T
ASM25I
ASM25P
M32
AGM32R
AGM32T
ASM32I
ASM32P
M40
-
AGM40T
ASM40I
ASM40P
M50
AGM50T
ASM50I
ASM50P
Tel. 0151 336 9321
Fax. 0151 336 9326
Email. sales@ilmeuk.co.uk
www.ilmeuk.co.uk
www.ilme.com


Similar Part No. - ASM40I

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-12 ASTRODYNE-ASM40-12 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-15 ASTRODYNE-ASM40-15 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-24 ASTRODYNE-ASM40-24 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-36 ASTRODYNE-ASM40-36 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
More results

Similar Description - ASM40I

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
ams AG
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
logo
Precid-Dip Durtal SA
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
logo
Adels-Contact
040015 ADELS-040015 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors
06/01/2020
108005 ADELS-108005 Datasheet
118Kb / 2P
Screwless Connectors Block Connectors
06/01/2020
108307 ADELS-108307 Datasheet
117Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
logo
List of Unclassifed Man...
HDRA-E68MA1 ETC2-HDRA-E68MA1 Datasheet
84Kb / 2P
CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com