Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH-4BA-173 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # PH-4BA-173
Description  Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PH-4BA-173 Datasheet(HTML) 2 Page - rfsolutions.ltd

  PH-4BA-173 Datasheet HTML 1Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 2Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 3Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 4Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS039-10
Sept ‘05
©2005 REG No 277 4001, ENGLAND.
Page 2
Antenna
Puk Antenna
•
Panel Mounting Puk Antenna
•
Rugged Plastic Finish
•
Available with BNC, SMA Fixings
Dipole Antenna
•
Flat Form Dipole Antenna
•
Tuned for european GSM frequencies
•
Rugged Plastic Finish
•
Self Adhesive Pad
•
Available with SMA Fixing
GPS Antenna
•
Compact Puck Style Antenna
•
Tuned to GPS frequency
•
Rugged Plastic Finish
•
Magnetic mounting base
•
Active gain: +27dB
•
Voltage: 3.3 – 5.5V
•
Max current: 25mA
•
Available with SMA/HFL or MMCX
Fixing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com