Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF6805P2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # EF6805P2
Description  8-BIT MICROCOMPUTER UNIT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF6805P2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button EF6805P2 Datasheet HTML 21Page - STMicroelectronics EF6805P2 Datasheet HTML 22Page - STMicroelectronics EF6805P2 Datasheet HTML 23Page - STMicroelectronics EF6805P2 Datasheet HTML 24Page - STMicroelectronics EF6805P2 Datasheet HTML 25Page - STMicroelectronics EF6805P2 Datasheet HTML 26Page - STMicroelectronics EF6805P2 Datasheet HTML 27Page - STMicroelectronics EF6805P2 Datasheet HTML 28Page - STMicroelectronics EF6805P2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Table 5 : Control Instructions.
I nherent
Function
Mnemonic
Op
Code
#
Bytes
#
Cycles
Transfer A to X
TAX
97
1
2
Transfer X to A
TXA
9F
1
2
Set Carry Bit
SEC
99
1
2
Clear Carry Bit
CLC
98
1
2
Set Interrupt Mask Bit
SEI
9B
1
2
Clear Interrupt Mask Bit
CLI
9A
1
2
Software Interrupt
SWI
83
1
11
Return from Subroutine
RTS
81
1
6
Return from Interrupt
RTI
80
1
9
Reset Stack Pointer
RSP
9C
1
2
No-operation
NOP
9D
1
2
Table 6 : Instruction Set.
Addressing
Modes
Conditi on
Code
Mnem
Inherent
Immediate
Direct
Extended
Relative
Indexed
(no offset)
Indexed
(8 Bits)
Indexed
(16 Bits)
Bit
Set/Clear
Bit
Test &
Branch
HI
N
Z
C
ADC
X
X
X
X
X
X
∧ q
∧∧
∧
ADD
X
X
X
X
X
X
∧ q
∧∧
∧
AND
X
X
X
X
X
X
qq
∧∧ q
ASL
X
X
X
X
qq
∧∧
∧
ASR
X
X
X
X
qq
∧∧
∧
BCC
X
qq
qqq
BCLR
X
qq
qqq
BCS
X
qq
qqq
BEQ
X
qq
qqq
BHCC
X
qq
qqq
BHCS
X
qq
qqq
BHI
X
qq
qqq
BHS
X
qq
qqq
BIH
X
qq
qqq
BIL
X
qq
qqq
BIT
X
X
X
X
X
X
qq
∧∧ q
BLO
X
qq
qqq
BLS
X
qq
qqq
BMC
X
qq
qqq
BMI
X
qq
qqq
BMS
X
qq
qqq
BNE
X
qq
qqq
BPL
X
qq
qqq
BRA
X
qq
qqq
BRN
X
qq
qqq
BRCLR
X
qq
qq
∧
BRSET
X
qq
qq
∧
BSET
X
qq
qqq
BSR
X
qq
qqq
CLL
X
qq
qq
0
EF6805U3
25/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com