Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5CD080X0 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P5CD080X0
Description  Secure dual interface and contact PKI smart card controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080X0 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P5CD080X0 Datasheet HTML 10Page - NXP Semiconductors P5CD080X0 Datasheet HTML 11Page - NXP Semiconductors P5CD080X0 Datasheet HTML 12Page - NXP Semiconductors P5CD080X0 Datasheet HTML 13Page - NXP Semiconductors P5CD080X0 Datasheet HTML 14Page - NXP Semiconductors P5CD080X0 Datasheet HTML 15Page - NXP Semiconductors P5CD080X0 Datasheet HTML 16Page - NXP Semiconductors P5CD080X0 Datasheet HTML 17Page - NXP Semiconductors P5CD080X0 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
14 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
7.
Limiting values
[1]
MIL Standard 883-D method 3015; human body model; C = 100 pF, R = 1.5 k
Ω; T
amb = −25 °C to +85 °C.
[2]
Depending on appropriate thermal resistance of the package.
[3]
Depending on delivery type, refer to NXP Semiconductors
General Specification for 8” Wafer and to NXP
Semiconductors Contact & Dual Interface Chip Card Module Specification.
8.
Abbreviations
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VSS (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VI
input voltage
any signal pad
−0.5
VDD + 0.5
V
II
input current
pad IO1, IO2 or
IO3
-
±15.0
mA
IO
output current
pad IO1, IO2 or
IO3
-
±15.0
mA
Ilu
latch-up current
VI <0V
or VI >VDD
-
±100
mA
Vesd
electrostatic discharge voltage
pads VDD, VSS,
CLK, RST_N, IO1,
IO2, IO3
[1] -
±4.0
kV
pads LA, LB
[1] -
±2.0
kV
Ptot
total power dissipation
[2] -1
W
Tstg
storage temperature
[3] --
Table 6.
Abbreviations
Acronym
Description
AES
Advanced Encryption Standard
API
Application Programming Interface
ASK
Amplitude Shift Keying
CIU
Contactless Interface Unit
CRC
Cyclic Redundancy Check
CRT
Chinese Remainder Theorem
DES
Digital Encryption Standard
DFA
Differential Fault Analysis
DPA
Differential Power Analysis
DSS
Digital Signature Standard
ECC
Elliptic Curve Cryptography
ECDSA
Elliptic Curve Digital Signature Algorithm
EEPROM
Electrically Erasable Programmable Read-Only Memory
GF
Galois Function
MAC
Message Authentication Code
MMU
Memory Management Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com