Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV110 Datasheet(PDF) 7 Page - STMicroelectronics

Part # DTV110
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV110 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button DTV110 Datasheet HTML 2Page - STMicroelectronics DTV110 Datasheet HTML 3Page - STMicroelectronics DTV110 Datasheet HTML 4Page - STMicroelectronics DTV110 Datasheet HTML 5Page - STMicroelectronics DTV110 Datasheet HTML 6Page - STMicroelectronics DTV110 Datasheet HTML 7Page - STMicroelectronics DTV110 Datasheet HTML 8Page - STMicroelectronics DTV110 Datasheet HTML 9Page - STMicroelectronics DTV110 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.1
0.2
0.5
1
2
5
0
200
400
600
800
1000
1200
Qrr(nc)
IF=Ip
90% confidence
Tj=125°C
DTV56
DTV110
dIF/dt(A/µs)
Fig. 5.3: Reverse recovery charges versus dIF/dt.
0.1
0.2
0.5
1
2
5
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
IRM(A)
dIF/dt(A/µs)
DTV16
DTV32
IF=Ip
90% confidence
Tj=125°C
Fig. 6.1: Reverse recovery current versus dIF/dt.
0.1
0.2
0.5
1
2
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
IRM(A)
dIF/dt(A/µs)
IF=Ip
90% confidence
Tj=125°C
DTV56
DTV82
Fig. 6.3: Reverse recovery current versus dIF/dt.
0.1
0.2
0.5
1
2
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
IRM(A)
dIF/dt(A/µs)
IF=Ip
90% confidence
Tj=125°C
DTV64
DTV110
Fig. 6.2: Reverse recovery current versus dIF/dt.
DTV16
DTV16
DTV16
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
VFP(V)
dIF/dt(A/µs)
IF=Ip
90% confidence
Tj=125°C
DTV56
DTV32
Fig. 7-1: Transient peak forward voltage versus
dIF/dt.
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
VFP(V)
dIF/dt(A/µs)
IF=Ip
90% confidence
Tj=125°C
DTV64
DTV82
DTV110
Fig. 7.2: Transient peak forward voltage versus
dIF/dt.
DTVseries
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com