Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM741
Description  LM741 Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM741 Datasheet(HTML) 4 Page - Texas Instruments

  LM741 Datasheet HTML 1Page - Texas Instruments LM741 Datasheet HTML 2Page - Texas Instruments LM741 Datasheet HTML 3Page - Texas Instruments LM741 Datasheet HTML 4Page - Texas Instruments LM741 Datasheet HTML 5Page - Texas Instruments LM741 Datasheet HTML 6Page - Texas Instruments LM741 Datasheet HTML 7Page - Texas Instruments LM741 Datasheet HTML 8Page - Texas Instruments LM741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM741
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
LM741, LM741A
±22
Supply voltage
V
LM741C
±18
Power dissipation (4)
500
mW
Differential input voltage
±30
V
Input voltage (5)
±15
V
Output short circuit duration
Continuous
LM741, LM741A
–50
125
Operating temperature
°C
LM741C
0
70
LM741, LM741A
150
Junction temperature
°C
LM741C
100
PDIP package (10 seconds)
260
°C
Soldering information
CDIP or TO-99 package (10 seconds)
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For military specifications see RETS741X for LM741 and RETS741AX for LM741A.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For operation at elevated temperatures, these devices must be derated based on thermal resistance, and Tj max. (listed under “Absolute
Maximum Ratings”). Tj = TA + (θjA PD).
(5)
For supply voltages less than ±15 V, the absolute maximum input voltage is equal to the supply voltage.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±400
V
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
LM741, LM741A
±10
±15
±22
Supply voltage (VDD-GND)
V
LM741C
±10
±15
±18
LM741, LM741A
–55
125
Temperature
°C
LM741C
0
70
6.4 Thermal Information
LM741
THERMAL METRIC(1)
LMC (TO-99)
NAB (CDIP)
P (PDIP)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
170
100
100
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: LM741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com