Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6482 Datasheet(PDF) 28 Page - Texas Instruments

Part # LMC6482
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6482 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMC6482 Datasheet HTML 24Page - Texas Instruments LMC6482 Datasheet HTML 25Page - Texas Instruments LMC6482 Datasheet HTML 26Page - Texas Instruments LMC6482 Datasheet HTML 27Page - Texas Instruments LMC6482 Datasheet HTML 28Page - Texas Instruments LMC6482 Datasheet HTML 29Page - Texas Instruments LMC6482 Datasheet HTML 30Page - Texas Instruments LMC6482 Datasheet HTML 31Page - Texas Instruments LMC6482 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
7.3 Power Supply Recommendations
The LMC648x operate over a supply range of 3V to 15.5V. To achieve noise immunity as appropriate to the
application, use good printed circuit board (PCB) layout practices for power-supply rails and planes, as well as
bypass capacitors connected between the power-supply pins and ground.
7.4 Layout
7.4.1 Layout Guidelines
As a general rule, any circuit that must operate with less than 1000pA of leakage current requires special layout
of the PC board. To take advantage of the ultra-low input current of the LMC648x, typically less than 20fA, an
excellent layout is essential. Fortunately, the techniques of obtaining low leakages are quite simple. First, do not
ignore the surface leakage of the PCB even though the leakage current can sometimes appear acceptably low,
because under conditions of high humidity or dust or contamination, the surface leakage can be appreciable.
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LMC648x inputs
and the terminals of capacitors, diodes, conductors, resistors, relay terminals, and so forth connected to the
inputs of the op amp, as in Figure 7-26. To have a significant effect, place guard rings on both the top and
bottom of the PCB. This PC foil must then be connected to a voltage that is at the same voltage as the amplifier
inputs, because no leakage current can flow between two points at the same potential. For example, a PCB
trace-to-pad resistance of 1012Ω, which is normally considered a very large resistance, can leak 5pA if the trace
were a 5V bus adjacent to the pad of the input. This leakage can cause a 250 times degradation from the actual
performance of the LMC648x. However, if a guard ring is held within 5mV of the inputs, then even a resistance
of 1011Ω causes only 0.05pA of leakage current. See Figure 7-27 through Figure 7-29 for typical connections of
guard rings for standard op-amp configurations.
Be aware that when laying out a PCB for the sake of just a few circuits is not practical, another technique is even
better than a guard ring on a PCB: Do not insert the input pin of the amplifier into the PCB at all, but bend the
pin up in the air, and use only air as an insulator. Air is an excellent insulator. In this case you forgo some of the
advantages of PCB construction, but the advantages are sometimes well worth the effort of using point-to-point
up-in-the-air wiring. See Figure 7-30.
7.4.2 Layout Example
Figure 7-26. Example of Guard Ring in PCB Layout Typical Connections of Guard Rings
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com