Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7915CT/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM7915CT/NOPB
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7915CT/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM7915CT/NOPB Datasheet HTML 1Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 2Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 3Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 4Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 5Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 6Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 7Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 8Page - Texas Instruments LM7915CT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM7905, LM7912, LM7915
SNOSBQ7C – JUNE 1999 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Input Voltage
(Vo = −5V)
−25V
(Vo = −12V and −15V)
−35V
Input-Output Differential
(Vo = −5V)
25V
(Vo = −12V and −15V)
30V
Power Dissipation (2)
Internally Limited
Operating Junction Temperature Range
0°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
230°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure Specific Performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
Refer to DESIGN CONSIDERATIONS for details.
ELECTRICAL CHARACTERISTICS
Conditions unless otherwise noted: IOUT = 500mA, CIN = 2.2μF, COUT = 1μF, 0°C ≤ TJ ≤ +125°C, Power Dissipation ≤ 1.5W.
Part Number
LM7905C
Units
Output Voltage
−5V
Input Voltage (unless otherwise specified)
−10V
Symbol
Parameter
Conditions
Min
Typ
Max
VO
Output Voltage
TJ = 25°C
−4.8
−5.0
−5.2
V
5mA
≤ IOUT ≤ 1A,
−4.75
−5.25
V
P
≤ 15W
(
−20 ≤ VIN ≤ −7)
V
ΔVO
Line Regulation
TJ = 25°C,
(1)
8
50
mV
(
−25 ≤ VIN ≤ −7)
V
2
15
mV
(
−12 ≤ VIN ≤ −8)
V
ΔVO
Load Regulation
TJ = 25°C,
(1)
5mA
≤ IOUT ≤ 1.5A
15
100
mV
250mA
≤ IOUT ≤ 750mA
5
50
mV
IQ
Quiescent Current
TJ = 25°C
1
2
mA
ΔIQ
Quiescent Current
With Line
0.5
mA
Change
(
−25 ≤ VIN ≤ −7)
V
With Load, 5mA
≤ IOUT ≤ 1A
0.5
mA
Vn
Output Noise Voltage
TA = 25°C, 10Hz ≤ f ≤ 100Hz
125
μV
Ripple Rejection
f = 120Hz
54
66
dB
(
−18 ≤ VIN ≤ −8)
V
Dropout Voltage
TJ = 25°C, IOUT = 1A
1.1
V
IOMAX
Peak Output Current
TJ = 25°C
2.2
A
Average Temperature
IOUT = 5mA,
0.4
mV/°C
Coefficient of
0 C
≤ TJ ≤ 100°C
Output Voltage
(1)
Regulation is measured at a constant junction temperature by pulse testing with a low duty cycle. Changes in output voltage due to
heating effects must be taken into account.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7905 LM7912 LM7915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com