Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6484AIM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC6484AIM/NOPB
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC6484AIM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information LMC6482................................... 5
5.5 Thermal Information LMC6484................................... 5
5.6 Electrical Characteristics: VS = 5V.............................. 6
5.7 Electrical Characteristics: VS = 3V.............................. 9
5.8 Typical Characteristics.............................................. 10
6 Detailed Description......................................................17
6.1 Overview................................................................... 17
6.2 Functional Block Diagram......................................... 17
6.3 Feature Description...................................................17
6.4 Device Functional Modes..........................................18
7 Application and Implementation.................................. 19
7.1 Application Information............................................. 19
7.2 Typical Applications.................................................. 21
7.3 Power Supply Recommendations.............................28
7.4 Layout....................................................................... 28
8 Device and Documentation Support............................30
8.1 Device Support......................................................... 30
8.2 Receiving Notification of Documentation Updates....31
8.3 Support Resources................................................... 31
8.4 Trademarks...............................................................31
8.5 Electrostatic Discharge Caution................................31
8.6 Glossary....................................................................31
9 Revision History............................................................ 31
10 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Pin Configuration and Functions
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 4-1. LMC6482: D Package, 8-Pin SIOIC,
DGK Package, 8-Pin VSSOP,
and P Package, 8-pin PDIP (Top View)
Table 4-1. Pin Functions: LMC6482
PIN
TYPE
DESCRIPTION
NO.
NAME
1
OUT A
Output
Output for amplifier A
2
−IN A
Input
Inverting input for amplifier A
3
+IN A
Input
Noninverting input for amplifier A
4
V–
Power
Negative supply voltage input
5
+IN B
Input
Noninverting input for amplifier B
6
−IN B
Input
Inverting input for amplifier B
7
OUT B
Output
Output for amplifier B
8
V+
Power
Positive supply voltage input
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com