Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6484AIMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC6484AIMX/NOPB
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMC6484AIMX/NOPB Datasheet HTML 1Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 2Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 3Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 4Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 5Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 6Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 7Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 8Page - Texas Instruments LMC6484AIMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Differential input voltage
±Supply Voltage
Voltage at input/output pin
(V–) – 0.3
(V+) + 0.3
V
VS
Supply voltage, VS = (V+) – (V–)
16
V
Current at input pin(3)
–5
5
mA
Current at output pin(4) (5)
–30
30
mA
Current at power supply pin
40
mA
TJ
Junction temperature(6)
150
°C
TSTG
Storage temperature
–65
150
°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
If military- or aerospace-specified devices are required, contact the TI Sales Office or Distributors for availability and specifications.
(3)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result
in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over a long term can adversely
affect reliability.
(5)
Do not short circuit output to V+, when V+ is greater than 13V or reliability is adversely affected.
(6)
The maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA) / θJA. All numbers apply for packages soldered directly into a printed circuit board (PCB).
5.2 ESD Ratings
VALUE
UNIT
LMC6482
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
LMC6484
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
3
15.5
V
TJ
Junction temperature
–40
85
℃
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com