Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # BC2
Description  Miniature Case BC2 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC2 Datasheet(HTML) 1 Page - Multicomp Pro

  BC2 Datasheet HTML 1Page - Multicomp Pro BC2 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
29/01/21
Miniature Case
BC2 Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
•  Hand held case with battery compartment and battery clip / pocket clip option
•   Moulded in high-impact black, white or grey ABS with integral PP3 battery - compartment accessible by a separate remov-
able cover
•  Clip-in battery terminals are supplied as standard
•  Textured finish
•  No visible fixing screws for excellent final product appearance
•   The pocket clip, if required, can be easily fixed to the case by the two self-tapping screws supplied
•   The two main halves of the case are held together by the two self-tapping screws supplied which are concealed by the 
battery cover
•  Four integral location pegs and sockets will hold a PCB in place without any further fixing
•   The overall finish of the case is matt with highlighted feature panels making it ideal for personalised products
ABS Polymers Specification
Acrylonitrile-Butadiene-Styrene
Properties
Test Method
Unit
Impact Resistant Grades
103
Izod Impact
Strength  +23°C 
-20°C
ISO 180/3A ASTM D256/A
kJ / m2
17
11
Tensile Strength at Yield
ISO R527 ASTM D638
N / mm2
50
Elongation at Yield
ISO R527 ASTM D638
%
6
Flexural Strength
ISO 178 ASTM D790
N / mm2
87
Rockwell Hardness
ISO 2039/2 ASTM D785
R Scale
112
Heat Deflection Temperature
Unannealed
Annealed
ISO 75/A ASTM D648
°C
90
97
Vicat Softening Temperature
ISO 306/B ASTM D1525
°C
97
Density
ISO R1183 ASTM D792/A
kg / m3
1,050
Melt Flow Index
ISO 1133 ASTM D1238
dg / min
13


Similar Part No. - BC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC2 ETC2-BC2 Datasheet
189Kb / 3P
Miniature Case
logo
Cooper Bussmann, Inc.
BC2 COOPER-BC2 Datasheet
105Kb / 1P
Single Row Terminal Blocks Continued
logo
Clarke International
BC2 CLARKE-BC2 Datasheet
2Mb / 16P
12V/24V 15A BATTERY CHARGER
DL1025
logo
Turck, Inc.
BC2-EM08-UN8X TURCK-BC2-EM08-UN8X Datasheet
777Kb / 3P
Capacitive Sensor
11/07/2023
BC2-EM08-UN8X-V1131 TURCK-BC2-EM08-UN8X-V1131 Datasheet
785Kb / 3P
Capacitive Sensor
11/07/2023
More results

Similar Description - BC2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
UP2C-R47-R COOPER-UP2C-R47-R Datasheet
146Kb / 2P
Miniature surface mount design with rugged case to eliminate core breakage
logo
List of Unclassifed Man...
BC2W ETC2-BC2W Datasheet
189Kb / 3P
Miniature Case
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
jb Capacitors Company
JRA JBCAPACITORS-JRA Datasheet
259Kb / 3P
Miniature Series
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
logo
Ultralife Corporation.
MRC-94 ULTRALIFE-MRC-94 Datasheet
665Kb / 2P
Dual Transceiver Case Series
14 March 2016 Rev A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com