Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-352 Datasheet(PDF) 1 Page - Multicomp Pro

Part # HT-352
Description  Universal Stripping Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HT-352 Datasheet(HTML) 1 Page - Multicomp Pro

  HT-352 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/02/21
Universal Stripping Tool
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
Material
: ABS
Length
: 4.9" (125±1mm)
Weight
: 74g
Colour
: Yellow
Function
: Stripping/Cutting coaxial cable RG59, RG6,
RG7/11, round networking cable and flat
telephone cable
Part Number Table
Description
Part Number
Universal Stripping Tool
HT-352
Crimping Procedure:
1. Push cassette out of the housing.
2. Cassette is reversible for. RG59/6, RG7/11.
3. For Stripping coaxial cables.
4. For Stripping round networking cable.
5. For Cutting cables.
6. For Stripping flat 4P/6P/8P cable.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - HT-352

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
HT-35 TECCOR-HT-35 Datasheet
555Kb / 4P
Bilateral Trigger Diacs
logo
Elite Enterprises (H.K....
HT-350 ELITE-HT-350 Datasheet
270Kb / 2P
Visible LED
HT-350FC ELITE-HT-350FC Datasheet
270Kb / 2P
Visible LED
HT-350FCH ELITE-HT-350FCH Datasheet
270Kb / 2P
Visible LED
HT-350FCQ ELITE-HT-350FCQ Datasheet
270Kb / 2P
Visible LED
More results

Similar Description - HT-352

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
1206146 PHOENIX-1206146 Datasheet
45Kb / 2P
Stripping tool - KAMES-LWL
1212158 PHOENIX-1212158 Datasheet
53Kb / 2P
Stripping tool - WIREFOX 6SC
1212368 PHOENIX-1212368 Datasheet
55Kb / 3P
Stripping tool - WIREFOX 2,5
logo
Weidmuller
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
logo
Lapp.
21920005 LAPP-21920005 Datasheet
138Kb / 2P
UNIVERSAL STRIP STRIPPING TOOL
09.11.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com