Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP802G Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP802G
Description  Glass Passivated Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP802G Datasheet(HTML) 1 Page - Multicomp Pro

  MP802G Datasheet HTML 1Page - Multicomp Pro MP802G Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
12/09/19
Glass Passivated
Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Surge overload rating -175 amperes peak
• Low forward voltage drop
• Small size; simple installation
• Sliver plated copper leads
Mechanical Data
Mounting Position : Any
Reverse Voltage
: 200 to 600 Volts
Forward Current
: 8 Ampere
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
MP802G
MP806G
Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
200
600
V
Max. RMS Bridge Input Voltage
Vrms
140
420
V
Max. Average Forward
Rectified Output Current at
@Ta = 50°C
I(AV)
8
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Ifsm
175
A
Max. Forward Voltage Drop
Per Bridge Element at 3.0A Peak
Vf
1.1
V
Max. Reverse Current at Rated
@Tj = 25°C
DC Blocking Voltage Per Element
@Tj = 100°C
Ir
10
1
μA
mA
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TsTg
°C
Ratings and Characteristic Curves


Similar Part No. - MP802G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MP802G GOOD-ARK-MP802G Datasheet
92Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MP802G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A CHONGQING-GBU4A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A CHONGQING-GBU6A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
GBJ4005 DIOTECH-GBJ4005 Datasheet
953Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com