Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP Datasheet(PDF) 2 Page - Multicomp Pro

Part # SIP
Description  Single In Line Switches - Straight Terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SIP Datasheet(HTML) 2 Page - Multicomp Pro

  SIP Datasheet HTML 1Page - Multicomp Pro SIP Datasheet HTML 2Page - Multicomp Pro SIP Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Siva
07/3/08
07/3/08
21/3/08
Suresh
G. C
RELEASED
SIP Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2008.
TOLERANCES:
DRAWN BY:
Siva
Suresh
G.Cook
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Single In Line Switches - Straight Terminals
SIP-V (SIP-T)_DWG
M10000823
07/03/08
DATE:
SIZE
SCALE: NTS
U.O.M.: mm (Inches)
SHEET:
2
OF 3
DWG NO.
ELECTRONIC FILE
REV
A
07/03/08
A
DATE:
21/03/08
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Specifications:
Mechanical:
Mechanical life
: 500 cycles.
Operating force
: 800gf.
Operating temperature
: -30 to +80°C.
Storage temperature
: -30 to +80°C.
Electrical:
Electrical life
: 500 cycles.
Non-switching rating
: 100mA, 50V dc.
Switching rating
: 10mA, 5V dc.
Maximum contact resistance at 100mA current
: 100m
Ω at intial
200m
Ω after life test.
Minimum insulation resistance
: 100M
Ω (500V dc).
Dielectric strength
: 300V ac/1 minute.
Circuit
: SPST.
Materials:
Cover
: UL 94V-0 Nylon high temperature thermoplastic.
Colour : Black.
Base
: UL 94V-0 PBT or nylon high temperature thermoplastic.
Colour : Black.
Actuator
: UL 94V-0 Nylon thermoplastic.
Colour : White.
Contact
: Alloy copper with gold plated.
Terminal
: Brass C2680-H with tin plated.
Soldering Process:
Wave soldering : Recommended solder temperature at 500°F(260°C) maximum 5 seconds.
Hand soldering : Use a soldering ion of 30 watts , controlled at 350°C approximately maximum 5 seconds while applying solder.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com