Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST-2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # TEST-2
Description  Test Pin PCB, 1mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TEST-2 Datasheet(HTML) 1 Page - Multicomp Pro

  TEST-2 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
26/11/12
Test Pin
PCB, 1mm
Specifications:
Material
: Gold plated copper
Contact Material
: Copper
Connector Colour
: Natural
Body Height Max
: 10.7mm
PCB Hole Dia
: 1mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Test Pin, PCB, 1mm
TEST-2
Dimensions : Millimetres
Mounting Hole
Hole in PCB ϕ0.8 to ϕ1


Similar Part No. - TEST-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEST-1 ETC2-TEST-1 Datasheet
78Kb / 1P
Test Pin PCB
TEST-1BK ETC2-TEST-1BK Datasheet
78Kb / 1P
Test Pin PCB
TEST-1BU ETC2-TEST-1BU Datasheet
78Kb / 1P
Test Pin PCB
TEST-1GR ETC2-TEST-1GR Datasheet
78Kb / 1P
Test Pin PCB
TEST-1R ETC2-TEST-1R Datasheet
78Kb / 1P
Test Pin PCB
More results

Similar Description - TEST-2

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
860-10-050-10-002000 MILL-MAX-860-10-050-10-002000 Datasheet
96Kb / 2P
Interconnect Header 1mm Grid; Straight Pin Header
logo
List of Unclassifed Man...
TEST-3 ETC2-TEST-3 Datasheet
129Kb / 1P
Test Pin PCB, 1mm
TEST-1 ETC2-TEST-1 Datasheet
78Kb / 1P
Test Pin PCB
logo
ERNI Electronics
DC0005816 ERNI-DC0005816 Datasheet
77Kb / 1P
0.8 DRC-Q. M 1mm, 16 polig 0.8 DRC-Q, M 1mm, 16 pin
DC0007333 ERNI-DC0007333 Datasheet
85Kb / 1P
0.8 DRC-Q. M 1mm, 20 polig 0.8 DRC-Q, M 1mm, 20 pin
DC0007341 ERNI-DC0007341 Datasheet
96Kb / 1P
0.8 DRC-Q. M 1mm, 26 polig 0.8 DRC-Q, M 1mm, 26 pin
DC0007379 ERNI-DC0007379 Datasheet
114Kb / 1P
0.8 DRC-Q. M 1mm, 80 polig 0.8 DRC-Q, M 1mm, 80 pin
logo
SparkFun Electronics
CAB-14990 SPARKFUN-CAB-14990 Datasheet
98Kb / 2P
Cable - 5 Pin 1mm Pitch - 100mm
12??0??8
CAB-14991 SPARKFUN-CAB-14991 Datasheet
104Kb / 2P
Cable - 5 Pin 1mm Pitch - 200mm
12??0??8
CAB-14992 SPARKFUN-CAB-14992 Datasheet
103Kb / 2P
Cable - 5 Pin 1mm Pitch - Breadboard Jumper
12??0??8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com