Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV32D Datasheet(PDF) 3 Page - STMicroelectronics

Part # DTV32D
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV32D Datasheet(HTML) 3 Page - STMicroelectronics

  DTV32D Datasheet HTML 1Page - STMicroelectronics DTV32D Datasheet HTML 2Page - STMicroelectronics DTV32D Datasheet HTML 3Page - STMicroelectronics DTV32D Datasheet HTML 4Page - STMicroelectronics DTV32D Datasheet HTML 5Page - STMicroelectronics DTV32D Datasheet HTML 6Page - STMicroelectronics DTV32D Datasheet HTML 7Page - STMicroelectronics DTV32D Datasheet HTML 8Page - STMicroelectronics DTV32D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Symbol
Test Conditions
Typ
Max
Unit
trr
IF = 100m A
IR = 100mA
IRR = 10mA
Tj = 25°C
DTV16
1500
ns
DTV32
850
DTV56
750
DTV64
750
DTV82
675
DTV110
625
trr
IF = 1 A
dIF/dt =-50A/
µs
VR =30V
Tj = 25°C
DTV16
200
300
ns
DTV32
130
175
DTV56
110
135
DTV64
110
135
DTV82
105
125
DTV110
95
115
RECOVERY CHARACTERISTICS
Symbol
Test Conditions
Typ
Max
Unit
tfr
IF = 6 A
dIF/dt = 80 A/
µs
VFR =3V
Tj = 100°C
DTV16
350
ns
DTV32
570
DTV56
350
DTV64
350
DTV82
270
DTV110
250
VFP
IF = 6A
dIF/dt = 80 A/
µs
Tj = 100°C
DTV16
25
34
V
DTV32
21
28
DTV56
19
26
DTV64
18
22
DTV82
14
18
DTV110
11
14
To evaluate the maximum conduction losses use the following equation :
DTV16
P= 1.14 x IF(AV) + 0.072 x IF
2
(RMS)
DTV32
P= 1.069 x IF(AV) + 0.047 x IF
2
(RMS)
DTV56
P= 1.15 x IF(AV) + 0.059 x IF
2
(RMS)
DTV64
P= 1.06 x IF(AV) + 0.053 x IF
2
(RMS)
DTV82
P= 1.01 x IF(AV) + 0.048 x IF
2
(RMS)
DTV110
P= 1.12 x IF(AV) + 0.038 x IF
2
(RMS)
TURN-ON SWITCHING CHARACTERISTICS
DTVseries
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com