Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF6805U2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # EF6805U2
Description  8-BIT MICROCOMPUTER UNIT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF6805U2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button EF6805U2 Datasheet HTML 9Page - STMicroelectronics EF6805U2 Datasheet HTML 10Page - STMicroelectronics EF6805U2 Datasheet HTML 11Page - STMicroelectronics EF6805U2 Datasheet HTML 12Page - STMicroelectronics EF6805U2 Datasheet HTML 13Page - STMicroelectronics EF6805U2 Datasheet HTML 14Page - STMicroelectronics EF6805U2 Datasheet HTML 15Page - STMicroelectronics EF6805U2 Datasheet HTML 16Page - STMicroelectronics EF6805U2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Figure 15 : Clock Generator Options.
Note : The recommended CL value with a 4.0 MHz crystal is 27pF, maximum, including system distributed capacitance. There is an inter-
nal capacitance of approximately 25pF on the XTAL pin. For crystal frequencies other than 4MHz, the total capacitance on each pin
should be scaled as the inverse of the frquency ratio. For example, with a 2MHz crystal, use approximately 50pF on EXTAL and approxi-
mately 25pF on XTAL. The exact value depends on the Motional-Arm parameters of the crystal used.
Figure 16 : Crystal Motional ARM parameters and Suggested PC Board layout.
EF6805U3
13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com