Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 4 Page - STMicroelectronics

  SPC560D30L3 Datasheet HTML 1Page - STMicroelectronics SPC560D30L3 Datasheet HTML 2Page - STMicroelectronics SPC560D30L3 Datasheet HTML 3Page - STMicroelectronics SPC560D30L3 Datasheet HTML 4Page - STMicroelectronics SPC560D30L3 Datasheet HTML 5Page - STMicroelectronics SPC560D30L3 Datasheet HTML 6Page - STMicroelectronics SPC560D30L3 Datasheet HTML 7Page - STMicroelectronics SPC560D30L3 Datasheet HTML 8Page - STMicroelectronics SPC560D30L3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
Introduction
SPC560D30x, SPC560D40x
4/82
DS6494 Rev 8
1
Introduction
1.1
Document overview
This document describes the device features and highlights the important electrical and
physical characteristics.
1.2
Description
These 32-bit automotive microcontrollers are a family of system-on-chip (SoC) devices
designed to be central to the development of the next wave of central vehicle body
controller, smart junction box, front module, peripheral body, door control and seat control
applications.
This family is one of a series of next-generation integrated automotive microcontrollers
based on the Power Architecture technology and designed specifically for embedded
applications.
The advanced and cost-efficient e200z0h host processor core of this automotive controller
family complies with the Power Architecture technology and only implements the VLE
(variable-length encoding) APU (auxiliary processing unit) and provides improved code
density. It operates at speed of up to 48 MHz and offers high performance processing
optimized for low power consumption. It capitalizes on the available development
infrastructure of current power architecture devices and is supported with software drivers,
operating systems and configuration code to assist with the user’s implementations.
The device platform has a single level of memory hierarchy and can support a wide range of
on-chip static random access memory (SRAM) and internal flash memory.
Table 2. SPC560D30x and SPC560D40x device comparison
Feature
Device
SPC560D30L1
SPC560D30L3
SPC560D40L1
SPC560D40L3
CPU
e200z0h
Execution speed
Static – up to 48 MHz
Code flash memory
128 KB
256 KB
Data flash memory
64 KB (4 × 16 KB)
SRAM
12 KB
16 KB
eDMA
16 ch
ADC (12-bit)
16 ch
33 ch
16 ch
33 ch
CTU
16 ch
Total timer I/O (1)
eMIOS
14 ch, 16-bit
28 ch, 16-bit
14 ch, 16-bit
28 ch, 16-bit
Type X(2)
2ch
5 ch
2ch
5 ch
Type Y(3)
—9 ch
—9 ch
Type G(4)
7ch
7 ch
7ch
7 ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com