Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D40L1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC560D40L1
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC560D40L1 Datasheet HTML 25Page - STMicroelectronics SPC560D40L1 Datasheet HTML 26Page - STMicroelectronics SPC560D40L1 Datasheet HTML 27Page - STMicroelectronics SPC560D40L1 Datasheet HTML 28Page - STMicroelectronics SPC560D40L1 Datasheet HTML 29Page - STMicroelectronics SPC560D40L1 Datasheet HTML 30Page - STMicroelectronics SPC560D40L1 Datasheet HTML 31Page - STMicroelectronics SPC560D40L1 Datasheet HTML 32Page - STMicroelectronics SPC560D40L1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
DS6494 Rev 8
29/82
SPC560D30x, SPC560D40x
Electrical characteristics
77
4.6
Thermal characteristics
4.6.1
Package thermal characteristics
Note:
Thermal characteristics are targets based on simulation that are subject to change per
device characterization.
4.6.2
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using
Equation 1:
Table 14. LQFP thermal characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
RJA CC D
Thermal resistance, junction-to-
ambient natural convection(2)
Single-layer board —1s
LQFP64
72.1
°C/W
LQFP100
65.2
Four-layer board — 2s2p
LQFP64
57.3
LQFP100
51.8
RJB CC D
Thermal resistance, junction-to-
board(3)
Four-layer board — 2s2p
LQFP64
44.1
°C/W
LQFP100
41.3
RJC CC D Thermal resistance, junction-to-case(4)
Single-layer board — 1s
LQFP64
26.5
°C/W
LQFP100
23.9
Four-layer board — 2s2p
LQFP64
26.2
LQFP100
23.7
JB
CC D
Junction-to-board thermal
characterization parameter, natural
convection
Single-layer board — 1s
LQFP64
41
°C/W
LQFP100
41.6
Four-layer board — 2s2p
LQFP64
43
LQFP100
43.4
JC
CC D
Junction-to-case thermal
characterization parameter, natural
convection
Single-layer board — 1s
LQFP64
11.5
°C/W
LQFP100
10.4
Four-layer board — 2s2p
LQFP64
11.1
LQFP100
10.2
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C
2. Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-7. Thermal test board meets
JEDEC specification for this package. When Greek letters are not available, the symbols are typed as RthJA.
3. Junction-to-board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for
the specified package. When Greek letters are not available, the symbols are typed as RthJB.
4. Junction-to-case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is
used for the case temperature. Reported value includes the thermal resistance of the interface layer. When Greek letters
are not available, the symbols are typed as RthJC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com