Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60L5 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC563M60L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L5 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC563M60L5 Datasheet HTML 18Page - STMicroelectronics SPC563M60L5 Datasheet HTML 19Page - STMicroelectronics SPC563M60L5 Datasheet HTML 20Page - STMicroelectronics SPC563M60L5 Datasheet HTML 21Page - STMicroelectronics SPC563M60L5 Datasheet HTML 22Page - STMicroelectronics SPC563M60L5 Datasheet HTML 23Page - STMicroelectronics SPC563M60L5 Datasheet HTML 24Page - STMicroelectronics SPC563M60L5 Datasheet HTML 25Page - STMicroelectronics SPC563M60L5 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
22/128
DocID14642 Rev 12
For high priority interrupt requests, the time from the assertion of the interrupt request from
the peripheral to when the processor is executing the interrupt service routine (ISR) has
been minimized. The INTC provides a unique vector for each interrupt request source for
quick determination of which ISR needs to be executed. It also provides an ample number
of priorities so that lower priority ISRs do not delay the execution of higher priority ISRs. To
allow the appropriate priorities for each source of interrupt request, the priority of each
interrupt request is software configurable.
When multiple tasks share a resource, coherent accesses to that resource need to be
supported. The INTC supports the priority ceiling protocol for coherent accesses. By
providing a modifiable priority mask, the priority can be raised temporarily so that all tasks
which share the resource can not preempt each other.
Multiple processors can assert interrupt requests to each other through software setable
interrupt requests. These same software setable interrupt requests also can be used to
break the work involved in servicing an interrupt request into a high priority portion and a low
priority portion. The high priority portion is initiated by a peripheral interrupt request, but then
the ISR asserts a software setable interrupt request to finish the servicing in a lower priority
ISR. Therefore these software setable interrupt requests can be used instead of the
peripheral ISR scheduling a task through the RTOS.
The INTC provides the following features:
356 peripheral interrupt request sources
8 software setable interrupt request sources
9-bit vector addresses
Unique vector for each interrupt request source
Hardware connection to processor or read from register
Each interrupt source can be programmed to one of 16 priorities
Preemptive prioritized interrupt requests to processor
ISR at a higher priority preempts executing ISRs or tasks at lower priorities
Automatic pushing or popping of preempted priority to or from a LIFO
Ability to modify the ISR or task priority to implement the priority ceiling protocol for
accessing shared resources
Low latency—three clocks from receipt of interrupt request from peripheral to interrupt
request to processor
This device also includes a Non-Maskable Interrupt (NMI) pin that bypasses the INTC and
multiplexing logic.
2.3.5
FMPLL
The FMPLL allows the user to generate high speed system clocks from a 4 MHz to 20 MHz
crystal oscillator or external clock generator. Further, the FMPLL supports programmable
frequency modulation of the system clock. The PLL multiplication factor, output clock divider
ratio are all software configurable. The PLL has the following major features:
Input clock frequency from 4 MHz to 20 MHz
Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz, resulting in
system clock frequencies from 16 MHz to 80 MHz with granularity of 4 MHz or better
Reduced frequency divider (RFD) for reduced frequency operation without forcing the
PLL to relock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com