Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L7 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC563M64L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 25Page - STMicroelectronics SPC563M64L7 Datasheet HTML 26Page - STMicroelectronics SPC563M64L7 Datasheet HTML 27Page - STMicroelectronics SPC563M64L7 Datasheet HTML 28Page - STMicroelectronics SPC563M64L7 Datasheet HTML 29Page - STMicroelectronics SPC563M64L7 Datasheet HTML 30Page - STMicroelectronics SPC563M64L7 Datasheet HTML 31Page - STMicroelectronics SPC563M64L7 Datasheet HTML 32Page - STMicroelectronics SPC563M64L7 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
DocID14642 Rev 12
29/128
SPC563M64x, SPC563M60x
Overview
127
–
32-bit microengine registers and 24-bit wide ALU, with 1 microcycle addition and
subtraction, absolute value, bitwise logical operations on 24-bit, 16-bit, or byte
operands, single-bit manipulation, shift operations, sign extension and conditional
execution
–
Additional 24-bit Multiply/MAC/Divide unit which supports all signed/unsigned
Multiply/MAC combinations, and unsigned 24-bit divide. The MAC/Divide unit
works in parallel with the regular microcode commands
Resource sharing features support channel use of common channel registers, memory
and micro engine time:
–
Hardware scheduler works as a “task management” unit, dispatching event
service routines by predefined, host-configured priority
–
Automatic channel context switch when a “task switch” occurs, i.e., one function
thread ends and another begins to service a request from other channel: channel-
specific registers, flags and parameter base address are automatically loaded for
the next serviced channel
–
SPRAM shared between host CPU and eTPU2, supporting communication either
between channels and host or inter-channel
–
Dual-parameter coherency hardware support allows atomic access to two
parameters by host
Test and development support features:
–
Nexus Class 1 debug, supporting single-step execution, arbitrary microinstruction
execution, hardware breakpoints and watchpoints on several conditions
–
Software breakpoints
–
SCM continuous signature-check built-in self test (MISC — multiple input
signature calculator), runs concurrently with eTPU2 normal operation
System enhancements
–
Software watchdog with programmable timeout
–
Real-time performance information
Channel enhancements
–
Channels 1 and 2 can optionally drive angle clock hardware
Programming enhancements
–
Engine relative addressing mode
2.3.14
eQADC
The enhanced queued analog to digital converter (eQADC) block provides accurate and fast
conversions for a wide range of applications. The eQADC provides a parallel interface to
two on-chip analog to digital converters (ADC), and a single master to single slave serial
interface to an off-chip external device. Both on-chip ADCs have access to all the analog
channels.
The eQADC prioritizes and transfers commands from six command conversion command
‘queues’ to the on-chip ADCs or to the external device. The block can also receive data from
the on-chip ADCs or from an off-chip external device into the six result queues, in parallel,
independently of the command queues. The six command queues are prioritized with
Queue_0 having the highest priority and Queue_5 the lowest. Queue_0 also has the added
ability to bypass all buffering and queuing and abort a currently running conversion on either
ADC and start a Queue_0 conversion. This means that Queue_0 will always have a
deterministic time from trigger to start of conversion, irrespective of what tasks the ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com