Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA001A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPA001A
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPA001A Datasheet HTML 9Page - STMicroelectronics STPA001A Datasheet HTML 10Page - STMicroelectronics STPA001A Datasheet HTML 11Page - STMicroelectronics STPA001A Datasheet HTML 12Page - STMicroelectronics STPA001A Datasheet HTML 13Page - STMicroelectronics STPA001A Datasheet HTML 14Page - STMicroelectronics STPA001A Datasheet HTML 15Page - STMicroelectronics STPA001A Datasheet HTML 16Page - STMicroelectronics STPA001A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID023043 Rev 7
13/26
STPA001
Electrical specifications
25
Figure 11. Distortion vs. output power (2 Ω)
Figure 12. Distortion vs. frequency (2 Ω)
Figure 13. Distortion vs. output power (2 Ω,
Vs = 6 V)
Figure 14. Supply voltage rejection vs.
frequency
Figure 15. Crosstalk vs. frequency
Figure 16. Total power dissipation & efficiency
vs. Po (4 Ω, Sine)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com