Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 27Page - STMicroelectronics STPM01_V01 Datasheet HTML 28Page - STMicroelectronics STPM01_V01 Datasheet HTML 29Page - STMicroelectronics STPM01_V01 Datasheet HTML 30Page - STMicroelectronics STPM01_V01 Datasheet HTML 31Page - STMicroelectronics STPM01_V01 Datasheet HTML 32Page - STMicroelectronics STPM01_V01 Datasheet HTML 33Page - STMicroelectronics STPM01_V01 Datasheet HTML 34Page - STMicroelectronics STPM01_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
31/60
It is expected that an application microcontroller should access the data in the metering
device on regular basis at least 1/s (recommended is 32/s). Every latching of results in the
metering device requested from the microcontroller also resets the watchdog. If latching
requests does not follow each other within 1.6 second, an active high pulse on MON is
produced, because device assumes that microcontroller does not operate properly. An
application can use this signal either to control the RESET pin of its microcontroller or it can
be tied to some interrupt pin. The last possibility is recommended for a battery backup
application which can enter some sleep mode due to power down condition and should not
be reset by metering device because it would exit from the sleep mode.
The LED pin can be driven from AW wide band (active energy as in standalone mode), AW
limited at fundamental, RW (reactive energy) or SW (apparent energy) according to the
value of KMOT bit.
In this case, since the LED pin is driven by signals different from AW, some other
relationship between the LSB of the register and must be defined:
KAWFund = 4*KAW [Wh]
KRW = 2*KAW [VARh]
KSW = KAW [VAh]
APL = 1:
MOP provides the
∑ Δ signal generated from the analog voltage input;
MON provides the
∑ Δ signal generated from the analog current input, according to the
selection of the tamper module
LED provides the information about the selection of the current channel made by the tamper
module. If LED is low it means the primary channel is selected, if LED is high the secondary
channel is actually selected.
8.17
Status bits
The STPM01 includes 8 status bits that provide several information on the current meter
status. The status bits are the following:
Table 14.
LED pin configuration in peripheral mode
KMOT (2 Bits)
Signal available in LED pin
# of Pulses
0
AW Type 0 (1)
P [kWh]
1
AW Type 1 (1)
P [kWh]
2RW
P [kVARh]
3
SW
P [kVAh]
1.
* Type0 is the Wide band Active Energy and Type1 is the fundamental Active Energy if FUND=0, if FUND=1 they are
swapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com