Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NG80C3 Datasheet(PDF) 135 Page - STMicroelectronics

Part # SPC58NG80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NG80C3 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button SPC58NG80C3 Datasheet HTML 131Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 132Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 133Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 134Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 135Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 136Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 137Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 138Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 139 page
background image
DS11758 Rev 6
135/139
SPC584Gx, SPC58EGx, SPC58NGx
Revision history
138
08-Feb-2018
4 (con’t)
Section 4.12: ADC system
Table 26: ADC pin specification:
Updated Max value for CS
For parameter CP2, updated the max value from “1” to “2”.
Added electrical specification for R20KΩ symbol.
Changed Max value = 1 by 2 for Cp2 SARB channels
Table 27: SARn ADC electrical specification:
Added symbols tADCINIT and tADCBIASINIT
Column “C” splitted and added “D” for IADV_S
Table 28: ADC-Comparator electrical specification:
Added new parameter “tADCINITSBY”.
Set min = 5/fADCK µs for 10-bit ADC mode, min = 2/fADCK for ADC
comparator mode, at symbol tADCSAMPLE.
Column “C” splitted and added “D” for IADV_S
Section 4.14: LFAST pad electrical characteristics
Introduction paragraph:
– 1st sentence: hidden text “both the SIPI and”
– all 2nd sentence hidden: “The same LVDS.. tables”
Section 4.14.2: LFAST and MSC/DSPILVDS interface electrical
characteristics: title completed with “and MSC/DSPI”
Section 4.15: Power management:
Figure 15: Voltage monitor threshold definition: right blue line
adjusted on the top figure.
Section 4.15.1: Power management integration: added sentence “It is
recommended...device itself” for all devices.
Table 35: Linear regulator specifications:
Updated values for symbol “
ΔIDDMREG”
Min: added -100
Max: added 100
Section 4.16: Flash memory:
Table 41: Flash memory program and erase specifications: updated
this table.
Section 4.17: AC Specifications
Table 57: TxEN output characteristics: added table footnote “ Pad
configured as VERY STRONG.”
Table 58: TxD output characteristics: changed note 3 to apply to the
whole table.
Table 60: CAN timing: added columns for “CC” and “D”.
Section 5: Package information:
Table 69: FPBGA292 package mechanical data: updated Amax
formula in table footnote 2.
Section 5.4: Package thermal characteristics: Reformated note from
introduction.
Section 6: Ordering information:
Chapter title heading changed to heading 1.
Figure 54: Ordering information scheme: updated for Packing.
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com