Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NG80C3 Datasheet(PDF) 137 Page - STMicroelectronics

Part # SPC58NG80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NG80C3 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SPC58NG80C3 Datasheet HTML 131Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 132Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 133Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 134Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 135Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 136Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 137Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 138Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 137 / 139 page
background image
DS11758 Rev 6
137/139
SPC584Gx, SPC58EGx, SPC58NGx
Revision history
138
26-Jul-2019
6
Updated Revision 5.
Minor format changes throughout the document.
Section 1: Introduction
Removed “Document overview” section title.
Section 2: Description: changed title type.
Table 2: SPC584Gx, SPC58EGx, SPC58NGx features summary:
minor format changes.
Figure 1: Block diagram: updated
Figure 2: Periphery allocation: updated
Section 4.3: Operating conditions
– Table 5: Operating conditions: VDD_HV_ADR_S: removed line for C
condition.
– Table 7: Device supply relation during power-up/power-down
sequence: changed VDD_HV_IO_ to VDD_HV_IO_FLEX.
Section 4.6: Temperature profile: added the second paragraph.
Section 4.7: Device consumption
Table 9: Device consumption: Updated unit from “µA” to “mA” for
IDDSTBY128 at TJ=40°C condition.
Section 4.9: Reset pad (PORST, ESR0) electrical characteristics
Figure 5: Startup Reset requirements: deleted VDDMIN
Section 4.10: PLLs
Table 20: PLL0 electrical characteristics:
– Changed condition from T to D for
|ΔPLL0PHI1SPJ|, ΔPLL0LTJ and
IPLL0.
– Updated Max value for fPLL0PHI0 symbol and removed the footnote.
Table 21: PLL1 electrical characteristics: changed condition from T to
D for IPLL1.
Section 4.11: Oscillators
Table 24: Internal RC oscillator electrical specifications: updated Max
value for IFIRC.
Section 4.12: ADC system
Figure 8: Input equivalent circuit (Fast SARn and SARB channels):
added parameter “CEXT: external capacitance” and component to
scheme.
Table 26: ADC pin specification: added row for symbol “CEXT / SR”.
Section 4.14: LFAST pad electrical characteristics
Table 30: LVDS pad startup and receiver electrical characteristics,:
removed the last sentence of Note “Total internal capacitance...”.
Section 4.15: Power management
Table 34: External components integration: updated Conditions for
CBV.
Table 39: Voltage monitor electrical characteristics: added footnote
“Even if LVD/HVD ...”.
Section 4.16: Flash memory
Table 41: Flash memory program and erase specifications: updated.
Table 42: Flash memory Life Specification: updated.
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com