Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L20MF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L20MF
Description  Low drop power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L20MF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L20MF Datasheet HTML 1Page - STMicroelectronics STPS1L20MF Datasheet HTML 2Page - STMicroelectronics STPS1L20MF Datasheet HTML 3Page - STMicroelectronics STPS1L20MF Datasheet HTML 4Page - STMicroelectronics STPS1L20MF Datasheet HTML 5Page - STMicroelectronics STPS1L20MF Datasheet HTML 6Page - STMicroelectronics STPS1L20MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 2011
Doc ID 12640 Rev 2
1/7
7
STPS1L20MF
Low drop power Schottky rectifier in flat package
Features
■ Very low profile package: 0.85 mm
■ Backward compatible with standard STmite
footprint
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop for higher efficiency
and extended battery life
■ Low thermal resistance
■ Avalanche capability specified
Description
Single Schottky rectifier suited for switch mode
power supplies and high frequency dc to dc
converters.
Packaged in STmite flat, this device is intended
for use in low voltage, high frequency inverters,
free wheeling and polarity protection applications.
Due to the very small size of the package this
device fits battery powered equipment (cellular,
notebook, PDA’s, printers) as well as chargers
and PCMCIA cards.
Table 1.
Device summary
Symbol
Value
IF(AV)
1 A
VRRM
20 V
Tj (max)
150 °C
VF (max)
0.37 V
K
A
STmite flat
(DO222-AA)
www.st.com


Similar Part No. - STPS1L20MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L20MF STMICROELECTRONICS-STPS1L20MF Datasheet
91Kb / 7P
Low drop power Schottky rectifier in flat package
21-Aug-2006
More results

Similar Description - STPS1L20MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS1L20MF STMICROELECTRONICS-STPS1L20MF Datasheet
91Kb / 7P
Low drop power Schottky rectifier in flat package
21-Aug-2006
STPS1L30MF STMICROELECTRONICS-STPS1L30MF Datasheet
91Kb / 7P
Low drop power Schottky rectifier in flat package
21-Aug-2006
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS120MF STMICROELECTRONICS-STPS120MF Datasheet
108Kb / 7P
Power Schottky rectifier in flat package
15-May-2008
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com