Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12ATR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPM12ATR
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12ATR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPM12ATR Datasheet HTML 24Page - STMicroelectronics STPM12ATR Datasheet HTML 25Page - STMicroelectronics STPM12ATR Datasheet HTML 26Page - STMicroelectronics STPM12ATR Datasheet HTML 27Page - STMicroelectronics STPM12ATR Datasheet HTML 28Page - STMicroelectronics STPM12ATR Datasheet HTML 29Page - STMicroelectronics STPM12ATR Datasheet HTML 30Page - STMicroelectronics STPM12ATR Datasheet HTML 31Page - STMicroelectronics STPM12ATR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Theory of operation
STPM11, STPM12, STPM13, STPM14
28/46
Doc ID 13167 Rev 8
001010
10
FUND
1
This bit swaps the energy type between fundamental or wide band.
- FUND=0: wide band active energy up to 50th harmonic;
- FUND=1: fundamental active energy
001011
11
1
Reserved
001100
12
LTCH
2
No-load condition constant:
LTCH=0
→ 800
LTCH=1
→ 1600
LTCH=2
→ 3200
LTCH=3
→ 6400
001101
13 (1)
001110
14
KMOT
2
Constant of stepper pulses/kWh (see par. 7.14) selection:
If LVS=0,
KMOT=0
→ P/64
KMOT=1
→ P/128
KMOT=2
→ P/32
KMOT=3
→ P/256
If LVS=1,
KMOT=0
→ P/640
KMOT=1
→ P/1280
KMOT=2
→ P/320
KMOT=3
→ P/2560
001111
15 (1)
010010
18
BGTC
2
Bandgap temperature compensation bits. See Figure 16 for details.
010011
19 (1)
010100
20
CPH
4
4-bit unsigned data for compensation of phase error, 0°+0.576°
16 values are possible with a compensation step of 0.0384°. When CPH=0
the compensation is 0°, when CPH=15 the compensation is 0.576°.
010101
21
010110
22
010111
23 (1)
011000
24
CHV
8
8-bit unsigned data for voltage channel calibration.
256 values are possible. When CHV is 0 the calibrator is at -12.5% of the
nominal value. When CHV is 255 the calibrator is at +12.5%. The calibration
step is then 0.098%.
011001
25
011010
26
011011
27
011100
28
011101
29
011110
30
011111
31 (1)
Table 15.
Configuration bits map (continued)
Address
Name
N. of
bits
Description (1)
6-BIT
binary
DEC
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com