Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPS1L60
Description  60 V, 1 A low drop power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPS1L60_V01 Datasheet HTML 11Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 12Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 13Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 14Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 15Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 16Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 17Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 18Page - STMicroelectronics STPS1L60_V01 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
3
Ordering information
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS1L60A
GB6
SMA
68 mg
5000
Tape and reel
STPS1L60AFN
A16
SMA Flat Notch
39 mg
10 000
Tape and reel
STPS1L60RL
STPS1L60
DO-41
340 mg
5000
Tape and reel
STPS1L60MF
F1L6
STmite flat
16 mg
12000
Tape and reel
STPS1L60ZF
1L6
SOD123 Flat
12.5 mg
3000
Tape and reel
STPS1L60
Ordering information
DS2133 - Rev 12
page 17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com