Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60AFN Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPS1L60AFN
Description  60 V, 1 A low drop power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60AFN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPS1L60AFN Datasheet HTML 11Page - STMicroelectronics STPS1L60AFN Datasheet HTML 12Page - STMicroelectronics STPS1L60AFN Datasheet HTML 13Page - STMicroelectronics STPS1L60AFN Datasheet HTML 14Page - STMicroelectronics STPS1L60AFN Datasheet HTML 15Page - STMicroelectronics STPS1L60AFN Datasheet HTML 16Page - STMicroelectronics STPS1L60AFN Datasheet HTML 17Page - STMicroelectronics STPS1L60AFN Datasheet HTML 18Page - STMicroelectronics STPS1L60AFN Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
Table 10. Document revision history
Date
Revision Changes
Jul-2003
5A
Last update.
Aug-2004
6
SMA package dimensions update. Reference A1 max. changed from 2.70 mm (0.106 inch.) to 2.03
mm (0.080 inc.).
25-Jun-2009
7
Added STmite flat package. Updated ECOPACK statement.
30-Sep-2009
8
Updated table 7 ref. "C"
9-Aug-2016
9
Added SOD123Flat package.
26-Aug-2016
10
Updated table 4.
05-Dec-2018
11
Updated Section Features and Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise
specified).
27-Sep-2019
12
Added Section 2.2 SMA Flat Notch package information.
STPS1L60
DS2133 - Rev 12
page 18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com