Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVL6227-PLUG Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVL6227-PLUG
Description  Evaluation kit environment for L62xx family of dual brush DC and stepper motor drivers based on STM32 Nucleo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVL6227-PLUG Datasheet(HTML) 1 Page - STMicroelectronics

  EVL6227-PLUG Datasheet HTML 1Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 2Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 3Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 4Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 5Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 6Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 7Page - STMicroelectronics EVL6227-PLUG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
•
Voltage range from 8 V to 52 V
•
Phase current up to 2.8 A r.m.s (with L6205, L6206, L6207 and L6208 devices)
or 1.4 A r.m.s. (with L6225, L6226, L6227 and L6228 devices)
•
Easy interchangeable plug-in boards for quick evaluation of the whole stepper
and brush DC drivers of the L62xx family
•
Programmable high-side overcurrent protection (L6206 and L6226 devices)
•
Programmable OFF-time of the PWM current control (L6207, L6227, L6208 and
L6228 devices)
•
Compatible with Arduino UNO R3 connector
•
RoHS compliant
Description
The EVL62XX-MAIN is an expansion board that can host small EVL62XX-PLUG
plug-in boards for quick and easy evaluation of brush DC and stepper motor drivers
of the L62xx family.
These boards provide an affordable and easy-to-use solution to drive dual brush
DC and bipolar stepper motors in association with the evaluation software STSPIN
Studio.
The EVL62XX-MAIN is compatible with the Arduino UNO R3 connector.
Product status link
EVL62XX-MAIN
EVL6205-PLUG
EVL6206-PLUG
EVL6207-PLUG
EVL6208-PLUG
EVL6225-PLUG
EVL6226-PLUG
EVL6227-PLUG
EVL6228-PLUG
Evaluation kit environment for L62xx family of dual brush DC and stepper motor
drivers based on STM32 Nucleo
EVL62XX-MAIN,EVL62XX-PLUG
Data brief
DB4485 - Rev 1 - July 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVL6227-PLUG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVL6562A-400W STMICROELECTRONICS-EVL6562A-400W Datasheet
150Kb / 9P
L6562A 400W FOT-controlled PFC pre-regulator evaluation board
07-Feb-2008
EVL6562A-TM-80W STMICROELECTRONICS-EVL6562A-TM-80W Datasheet
125Kb / 6P
80 W high performance transition mode PFC evaluation board
11-Oct-2007
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
EVL6564H-100W STMICROELECTRONICS-EVL6564H-100W Datasheet
106Kb / 4P
100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
16-Apr-2012
EVL6566A-75WADP STMICROELECTRONICS-EVL6566A-75WADP Datasheet
202Kb / 8P
19 V - 75 W laptop adapter with tracking boost PFC pre-regulator, using the L6563 and the L6566A
28-Sep-2007
More results

Similar Description - EVL6227-PLUG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
Stepper motor driver expansion board based on L6474 for STM32 Nucleo
30-Mar-2015
X-NUCLEO-IHM04A1 STMICROELECTRONICS-X-NUCLEO-IHM04A1 Datasheet
263Kb / 4P
Dual brush DC motor driver expansion board based on L6206 for STM32 Nucleo
08-Jul-2015
X-NUCLEO-IHM05A1 STMICROELECTRONICS-X-NUCLEO-IHM05A1 Datasheet
264Kb / 4P
Bipolar stepper motor driver expansion board based on the L6208 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-IHM12A1 STMICROELECTRONICS-X-NUCLEO-IHM12A1 Datasheet
292Kb / 4P
Low voltage dual brush DC motor driver expansion board based on STSPIN240 for STM32 Nucleo
September 2016 Rev 1
X-NUCLEO-IHM13A1 STMICROELECTRONICS-X-NUCLEO-IHM13A1 Datasheet
294Kb / 4P
Low voltage brush DC motor driver expansion board for STM32 Nucleo based on the STSPIN250
December 2016 Rev 1
X-NUCLEO-IHM03A1 STMICROELECTRONICS-X-NUCLEO-IHM03A1 Datasheet
453Kb / 4P
High power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
08-Jun-2015
X-NUCLEO-IHM02A1 STMICROELECTRONICS-X-NUCLEO-IHM02A1 Datasheet
306Kb / 7P
Two axis stepper motor driver expansion board based on the L6470 for STM32 Nucleo
December 2015
X-NUCLEO-IHM06A1 STMICROELECTRONICS-X-NUCLEO-IHM06A1 Datasheet
379Kb / 4P
Low voltage stepper motor driver expansion board based on the STSPIN220 for STM32 Nucleo
June 2016
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-IHM15A1 STMICROELECTRONICS-X-NUCLEO-IHM15A1 Datasheet
243Kb / 4P
Dual brush DC motor driver expansion board based on STSPIN840 for STM32 Nucleo
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com