Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L443CCU6TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L443CCU6TR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443CCU6TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L443CCU6TR Datasheet HTML 10Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 11Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 12Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 13Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 14Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 15Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 16Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 17Page - STMicroelectronics STM32L443CCU6TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 215 page
background image
Description
STM32L443CC STM32L443RC STM32L443VC
14/215
DS11421 Rev 4
Table 1. STM32L443xx family device features and peripheral counts
Peripheral
STM32L443Vx
STM32L443Rx
STM32L443Cx
Flash memory
256KB
SRAM
64KB
Quad SPI
Yes
Timers
Advanced control
1 (16-bit)
General purpose
2 (16-bit)
1 (32-bit)
Basic
2 (16-bit)
Low -power
2 (16-bit)
SysTick timer
1
Watchdog timers
(independent,
window)
2
Comm.
interfaces
SPI
3
I2C3
USART
LPUART
3
1
SAI
1
CAN
1
USB FS
Yes
SDMMC
Yes
No
SWPMI
Yes
RTC
Yes
Tamper pins
3
2
2
LCD
COM x SEG
Yes
8x40 or 4x44
Yes
8x28 or 4x32
Yes
4x19
Random generator
Yes
AES
Yes
GPIOs
Wakeup pins
83
5
52
4
38 or 39(1)
3
Capacitive sensing
Number of channels
21
12
6
12-bit ADC
Number of channels
1
16
1
16
1
10
12-bit DAC channels
2
Internal voltage reference buffer
Yes
No
Analog comparator
2
Operational amplifiers
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com