Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS01A Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S-24CS01A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS01A Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S-24CS01A Datasheet HTML 28Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 29Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 30Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 31Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 32Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 33Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 34Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 35Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
32
1. 19 High input inversion voltage VIH
1. 20 High input inversion voltage VIH
 Power supply voltage VCC
 Ambient temperature (Ta)
Ta=25°C
A0, A1, A2,
1.0
0
2.0
3.0
VIH
(V)
VCC (V)
7
6
2 3 4 5
1
SDA, SCL, WP
VCC=5.0 V
A0, A1, A2
1.0
0
2.0
3.0
VIH
(V)
Ta (
°C)
-40
0
85
SDA, SCL, WP
1. 21 Low input inversion voltage VIL
1. 22 Low input inversion voltage VIL
 Power supply voltage VCC
 Ambient temperature (Ta)
Ta=25°C
A0, A1, A2,
1.0
0
2.0
3.0
VIL
(V)
VCC (V)
7
6
2 3 4 5
1
SDA, SCL, WP
VCC=5.0 V
A0, A1, A2,
1.0
0
2.0
3.0
VIL
(V)
Ta (
°C)
-40
0
85
SDA, SCL, WP
1. 23 Low power supply detection voltage
−VDET
1. 24 Low power supply release voltage
+VDET
 Ambient temperature (Ta)
 Ambient temperature (Ta)
1.0
0
2.0
-VDET
(V)
Ta (
°C)
-40
0
85
1.0
0
2.0
+VDET
(V)
Ta (
°C)
-40
0
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com