Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS16A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-24CS16A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS16A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-24CS16A Datasheet HTML 17Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 18Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 19Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 20Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 21Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 22Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 23Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 24Page - Seiko Instruments Inc S-24CS16A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.3_00
S-24CS16A
Seiko Instruments Inc.
21
Using S-24CS16A
1. Adding a pull-up resistor to SDA I/O pin and SCL input pin
Add a 1 to 5 k
Ω pull-up resistor to the SCL input pin
*1 and the SDA I/O pin in order to enable the functions of the I2C -
bus protocol. Normal communication cannot be provided without a pull-up resistor.
*1.
When the SCL input pin of the E
2PROM is connected to a tri-state output pin of the microprocessor, connect the
same pull-up resistor to prevent a high impedance status from being input to the SCL input pin.
This protects the E
2PROM from malfunction due to an undefined output (high impedance) from the tri-state pin
when the microprocessor is reset when the voltage drops.
2. I/O pin equivalent circuit
The I/O pins of this IC do not include pull-up and pull-down resistors. The SDA pin is an open-drain output. The following
shows the equivalent circuits.
SCL
Figure 24 SCL Pin
SDA
Figure 25 SDA Pin
WP
Figure 26 WP Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com