Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMC2674 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMC2674
Description  N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366mΩ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC2674 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMC2674 Datasheet HTML 1Page - ON Semiconductor FDMC2674 Datasheet HTML 2Page - ON Semiconductor FDMC2674 Datasheet HTML 3Page - ON Semiconductor FDMC2674 Datasheet HTML 4Page - ON Semiconductor FDMC2674 Datasheet HTML 5Page - ON Semiconductor FDMC2674 Datasheet HTML 6Page - ON Semiconductor FDMC2674 Datasheet HTML 7Page - ON Semiconductor FDMC2674 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
September 2014
©2012 Fairchild Semiconductor Corporation
FDMC2674 Rev.F4
www.fairchildsemi.com
1
FDMC2674
N-Channel UltraFET Trench MOSFET
220V, 7.0A, 366m
Ω
Features
Max rDS(on) = 366mΩ at VGS = 10V, ID = 1.0A
Typ Qg = 12.7nC at VGS = 10V
Low Miller charge
Low Qrr Body Diode
Optimized efficiency at high frequencies
UIS Capability ( Single Pulse and Repetitive Pulse)
RoHS Compliant
General Description
UltraFET
device
combines
characteristics
that
enable
benchmark
efficiency
in
power
conversion
applications.
Optimized for rDS(on), low ESR, low total and Miller gate charge,
these devices are ideal for high frequency DC to DC converters.
Application
DC/DC converters and Off-Line UPS
Distributed Power Architectures
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
220
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Silicon limited)
TC= 25°C
7.0
A
-Continuous
TA = 25°C
(Note 1b)
1.0
-Pulsed
13.8
EAS
Single Pulse Avalanche Energy
(Note 3)
11
mJ
PD
Power Dissipation
TC = 25°C
42
W
Power Dissipation
TA = 25°C
(Note 1a)
2.1
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
3.0
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
60
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMC2674
FDMC2674
MLP 3.3X3.3
13 ’’
12 mm
3000 units
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
1
2
3
4
5
DD D D
G
S
S
S
Bottom
Top
MLP 3.3x3.3
6
7
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com