Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS64A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-24CS64A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS64A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-24CS64A Datasheet HTML 17Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 18Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 19Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 20Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 21Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 22Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 23Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 24Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.3.3_00
S-24CS64A
Seiko Instruments Inc.
21
3. Matching phases while E
2PROM is accessed
The S-24CS64A does not have a pin for resetting (the internal circuit), therefore, the E
2PROM cannot be
forcibly reset externally. If a communication interruption occurs in the E
2PROM, it must be reset by
software.
For example, even if a reset signal is input to the microprocessor, the internal circuit of the E
2PROM is not
reset as long as the stop condition is not input to the E
2PROM. In other words, the E2PROM retains the
same status and cannot shift to the next operation. This symptom applies to the case when only the
microprocessor is reset when the power supply voltage drops. With this status, if the power supply voltage
is restored, reset the E
2PROM (after matching the phase with the microprocessor) and input an instruction.
The following shows this reset method.
[How to reset E
2PROM]
The E
2PROM can be reset by the start and stop instructions. When the E2PROM is reading data “0” or
is outputting the acknowledge signal, 0 is output to the SDA line. In this status, the microprocessor
cannot output an instruction to the SDA line. In this case, terminate the acknowledge output operation
or read operation, and then input a start instruction. Figure 25 shows this procedure.
First, input the condition. Then transmit 9 clocks (dummy clocks) of SCL. During this time, the
microprocessor sets the SDA line to high level.
By this operation, the E
2PROM interrupts the
acknowledge output operation or data output, so input the start condition
*1. When a start condition is
input, the E
2PROM is reset. To make doubly sure, input the stop condition to the E2PROM. Normal
operation is then possible.
9
8
2
1
SCL
SDA
Start
condition
Stop
condition
Start
condition
Dummy clock
Figure 25 Resetting E
2PROM
*1.
After 9 clocks (dummy clocks), if the SCL clock continues to be output without a start condition
being input, a write operation may be started upon receipt of a stop condition. To prevent this, input
a start condition after 9 clocks (dummy clocks).
Remark
It is recommended to perform the above reset using dummy clocks when the system is
initialized after the power supply voltage has been raised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com