Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G99DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G99DP
Description  Ultra-configurable multiple function gate; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G99DP Datasheet HTML 1Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 2Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 3Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 4Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 5Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 6Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 7Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 8Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
74LVC1G99_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2008
3 of 26
NXP Semiconductors
74LVC1G99
Ultra-configurable multiple function gate; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration SOT505-2 (TSSOP8)
74LVC1G99
OE
VCC
AY
BD
GND
C
001aah323
1
2
3
4
6
5
8
7
Fig 3.
Pin configuration SOT833-1 (XSON8)
Fig 4.
Pin configuration SOT902-1 (XQFN8U)
74LVC1G99
D
Y
VCC
C
B
A
OE
GND
001aah324
36
27
18
45
Transparent top view
001aah325
A
D
OE
B
Y
C
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC1G99
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2 and
SOT833-1
SOT902-1
OE
1
7
output enable input OE (active LOW)
A
2
6
data input
B
3
5
data input
GND
4
4
ground (0 V)
C
5
3
data input
D
6
2
data input
Y
7
1
data output
VCC
8
8
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com