Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

359 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 359
Description  RETAINING SPACERS & HINGED STANDOFFS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

359 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  359 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NYLON RETAINING SPACERS
HINGED STANDOFFS
75
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
Similar to our standard spacers, but with a specially
configured I.D. designed to grip the outside of the
screw shank. The spacer slides on the screw easily,
but is retained on the screw. For use in applications
requiring pre-assembly of the screw and spacer, to
reduce final assembly cost.
OD
ID
CLEAR HOLE
L
CAT.
L
D
T
NO.
LENGTH
S
P
DIAMETER THREAD
357
.500 (12.2)
.250 (6.4)
.250 (6.4)
.187 (4.7)
4-40
358
.500 (12.2)
.312 (7.9)
.250 (6.4)
.250 (6.4)
6-32
359
.500 (12.2)
.312 (7.9)
.250 (6.4)
.250 (6.4)
8-32
CAT.
L
D
T
NO.
LENGTH
U
P
DIAMETER THREAD
351
.750 (19.1)
.172 (4.4)
.375 (9.5)
352
1.000 (25.4)
.250 (6.4)
.625 (15.9)
.187 (4.7)
4-40
330
1.250 (31.8)
.250 (6.4)
.625 (15.9)
353
.750 (19.1)
.172 (4.4)
.375 (9.5)
354
1.000 (25.4)
.250 (6.4)
.625 (15.9)
.250 (6.4)
6-32
331
1.250 (31.8)
.250 (6.4)
.625 (15.9)
355
.750 (19.1)
.172 (4.4)
.375 (9.5)
356
1.000 (25.4)
.250 (6.4)
.625 (15.9)
.250 (6.4)
8-32
332
1.250 (31.8)
.250 (6.4)
.625 (15.9)
• Applications unlimited
• Time saving
• Space saving
• Interconnect circuits or services without danger of shorting
MATERIAL:
Brass, ASTM-B16. Zinc Plate and Yellow Chromate
FEMALE/FEMALE
MALE/MALE
MALE/FEMALE
D
.250
[6.4]
S
U
T
L
P
S
T
S
D
90°
L
CAT.
L
D
T
NO.
LENGTH
S
U
DIAMETER THREAD
333
.625 (15.9)
.250 (6.4)
.172 (4.4)
334
.875 (22.2)
.250 (6.4)
.250 (6.4)
.187 (4.7)
4-40
335
.625 (15.9)
.312 (7.9)
.172 (4.4)
336
.875 (22.2)
.312 (7.9)
.250 (6.4)
.250 (6.4)
6-32
337
.625 (15.9)
.312 (7.9)
.172 (4.4)
.250 (6.4)
8-32
338
.875 (22.2)
.312 (7.9)
.250 (6.4)
U
P
D
U
T
L
CAT.
.198 (5.0) Clear Hole for #6 Screw
NO.
LENGTH
O.D.
I.D.
2361
.125 (3.2)
2362
.250 (6.4)
2363
.375 (9.5)
2364
.500 (12.7)
.312
.128
2365
.625 (15.9)
(7.9)
(3.3)
2366
.750 (19.1)
2367
.875 (22.2)
2368
1.00 (25.4)
CAT.
.240 (6.1) Clear Hole for #8 Screw
NO.
LENGTH
O.D.
I.D.
2381
.125 (3.2)
2382
.250 (6.4)
2383
.375 (9.5)
2384
.500 (12.7)
.375
.152
2385
.625 (15.9)
(9.5)
(3.8)
2386
.750 (19.1)
2387
.875 (22.2)
2388
1.00 (25.4)
CAT.
.277 (7.0) Clear Hole for #10 Screw
NO.
LENGTH
O.D.
I.D.
2391
.125 (3.2)
2392
.250 (6.4)
2393
.375 (9.5)
2394
.500 (12.7)
.500
.177
2395
.625 (15.9)
(12.7)
(4.5)
2396
.750 (19.1)
2397
.875 (22.2)
2398
1.00 (25.4)
CAT.
.156 (3.9) Clear Hole for #4 Screw
NO.
LENGTH
O.D.
I.D.
2341
.125 (3.2)
2342
.250 (6.4)
2343
.375 (9.5)
2344
.500 (12.7)
.250
.102
2345
.625 (15.9)
(6.4)
(2.6)
2346
.750 (19.1)
2347
.875 (22.2)
2348
1.00 (25.4)
M60Section4FREV1A-COLOR_9-2011 4/5/13 2:48PM Page75


Similar Part No. - 359

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
359 WECO-359 Datasheet
168Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
logo
Littelfuse
359 LITTELFUSE-359 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
359 ADAFRUIT-359 Datasheet
79Kb / 2P
MiFare Classic (13.56MHz RFID/NFC) Card - 1KB
7/21/2015
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
logo
List of Unclassifed Man...
3590 ETC2-3590 Datasheet
493Kb / 1P
Space saving design for high density packaging
More results

Similar Description - 359

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24422 ETC2-24422 Datasheet
115Kb / 2P
METRIC STANDOFFS AND SPACERS
1483 ETC2-1483 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
24406 ETC2-24406 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
24421 ETC2-24421 Datasheet
89Kb / 1P
METRIC STANDOFFS AND SPACERS
SRS-1-7MM ETC2-SRS-1-7MM Datasheet
154Kb / 1P
SELF-RETAINING PVC SPACERS
logo
Richco, Inc.
SRS4-2-01 RICHCO-SRS4-2-01 Datasheet
49Kb / 1P
SELF RETAINING SPACERS
logo
Molex Electronics Ltd.
69901-0203 MOLEX11-69901-0203 Datasheet
43Kb / 1P
Retaining Ring
logo
Schurter Inc.
0888.0005 SCHURTER-0888.0005 Datasheet
465Kb / 5P
Cord retaining strain relief
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
Retaining clips
2022-01-28
logo
Festo Corporation.
8127358 FESTO-8127358 Datasheet
62Kb / 1P
Retaining bracket
7/21/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com