Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV116MF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV116MF/NOPB
Description  LMV11x Low-Voltage, 45-MHz, Rail-To-Rail Output Operational Amplifiers With Shutdown Option
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV116MF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV116MF/NOPB Datasheet HTML 1Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 2Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 3Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 4Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 5Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV116MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
LMV116, LMV118
SNOSA87C – OCTOBER 2003 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LMV116 LMV118
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics: 2.7 V ................................ 5
6.6
Electrical Characteristics: 5 V ................................... 6
6.7
Electrical Characteristics: ±5 V ................................. 7
6.8
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
8.2
Typical Application: 2.7-V Single Supply 2:1 MUX 15
9
Power Supply Recommendations ...................... 16
10
Layout................................................................... 17
10.1
Layout Guidelines ................................................. 17
10.2
Layout Example .................................................... 17
11
Device and Documentation Support ................. 18
11.1
Related Documentation......................................... 18
11.2
Related Links ........................................................ 18
11.3
Receiving Notification of Documentation Updates 18
11.4
Community Resources.......................................... 18
11.5
Trademarks ........................................................... 18
11.6
Electrostatic Discharge Caution ............................ 18
11.7
Glossary ................................................................ 18
12
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2013) to Revision C
Page
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings and Thermal Information
tables, Functional Block Diagram, Feature Description, Device Functional Modes, Application and Implementation,
Power Supply Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and
Orderable Information sections .............................................................................................................................................. 1
•
Changed RθJA from 265°C/W to 182.7°C/W ........................................................................................................................... 4
Changes from Revision A (May 2013) to Revision B
Page
•
Changed layout of National Semiconductor data sheet to TI format.................................................................................... 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com