Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LOG114AIRGVR.B
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVR.B Datasheet(HTML) 2 Page - Texas Instruments

  LOG114AIRGVR.B Datasheet HTML 1Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 2Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 3Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 4Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 5Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 6Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 7Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 8Page - Texas Instruments LOG114AIRGVR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration............................................................ 3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings .............................................................. 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics (±5V)...................................5
5.6 Electrical Characteristics (5V).....................................7
5.7 Typical Characteristics: VS = ±5V............................... 9
6 Detailed Description......................................................12
6.1 Overview................................................................... 12
6.2 Functional Block Diagram......................................... 12
6.3 Feature Description...................................................12
6.4 Device Functional Modes..........................................13
7 Application and Implementation.................................. 14
7.1 Applications Information............................................14
7.2 Typical Applications.................................................. 20
7.3 Power Supply Recommendations.............................26
7.4 Layout....................................................................... 26
8 Device and Documentation Support............................28
8.1 Documentation Support............................................ 28
8.2 Receiving Notification of Documentation Updates....28
8.3 Support Resources................................................... 28
8.4 Trademarks...............................................................28
8.5 Electrostatic Discharge Caution................................28
8.6 Glossary....................................................................29
9 Revision History............................................................ 29
10 Mechanical, Packaging, and Orderable
Information.................................................................... 31
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com