Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT.A Datasheet(PDF) 13 Page - Texas Instruments

Part # LOG114AIRGVT.A
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button LOG114AIRGVT.A Datasheet HTML 9Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 10Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 11Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 12Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 13Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 14Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 15Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 16Page - Texas Instruments LOG114AIRGVT.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
To verify op amp stability, an isolation resistor, or Riso is sometimes needed especially when the op amp is
driving capacitive loads. Figure 6-1 is an example of what the isolation resistor architecture looks like.
A
4/A5
–
+
Riso
C
LOAD
GND
Figure 6-1. Example of Isolation Resistor
As shown in Figure 5-17, for capacitive loads above 50pF, it is recommended to include an Riso in the circuit to
maintain at least 45° of phase margin.
Another cause of op amp instability can come from having large impedance feedback resistors. This instability
results in the feedback resistor interacting with the internal input capacitors of the auxiliary amplifiers. There are
two options to correcting this instability. The first one is lowering the resistor values in the feedback loop.
The second option, as shown in Figure 6-2, is to put a feedback capacitor in the feedback loop in parallel with
the feedback resistor.
A
4/A5
–
+
R
f
C
f
R
in
Figure 6-2. Example of Feedback Capacitor
6.4 Device Functional Modes
The device has one mode of operation that applies when operated within the Recommended Operating
Conditions.
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com