Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09087. Datasheet(PDF) 5 Page - DESCO INDUSTRIES INC

Part # 09087.
Description  WRIST STRAPS & COIL CORDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DESCO [DESCO INDUSTRIES INC]
Direct Link  https://desco.descoindustries.com/
Logo DESCO - DESCO INDUSTRIES INC

09087. Datasheet(HTML) 5 Page - DESCO INDUSTRIES INC

  09087. Datasheet HTML 1Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 2Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 3Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 4Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 5Page - DESCO INDUSTRIES INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Web Site: www.desco.com • Phone: (909) 627-8178 • Fax: (909) 627-7449
9
WRIST STRAPS & COIL CORDS
See our products being
Made in America
on our web site:
www.desco.com/factory
For detailed information on
all Desco wrist straps and
coil cords:
www.desco.com/catalog
DUAL WIRE SNAP-ONE™ COIL CORD WITH
RIGHT ANGLE MONO PLUG
19695
6' Coil Cord, 4mm female snaps, right angle mono plug
19696
12' Coil Cord, 4mm female snaps, right angle mono plug
19866
18' Coil Cord, 4mm female snaps, right angle mono plug
• Dual Wire Coil Cord provides redundancy; even if one conductor is severed,
operator has reliable path-to-ground with other wire
Used with resistive loop technology continuous monitor, continuously verifies the proper
resistance to ground of the operator
• Coil cord with molded 1 Megohm current limiting resistor on both ground paths
Protects user from shock due to inadvertent contact with line voltage
• Single (Snap-One™) snap head
Allows operators to quickly and easily attach and detach the cord from the wristband
• Park-it feature on Snap-One™ molded snap head
Provides convenient park station for cord when not in use. Simply insert phono plug into
hole to allow for hanging cord at workbench
Drawing 19695
REZTORE™ ESD HAND LOTION
81080
8 oz. Bottle
81082
1 qt. Bottle with Pump
81081
1 gal. Bottle with Pump
• Dissipative formulation creates a superior path to ground
Helps lower skin electrical resistance and eliminates annoying and time
consuming dry skin wrist strap testing failures
• Special ESD formulation for the electronic manufacturing environment; will
not insulate skin like regular lotions
Helps provide reliable path-to-ground, protecting ESD susceptible product
• Non-contaminating and solder-safe; free of chemicals that may adversely
affect solderability or cause corrosion of electronic components
Reduces contamination that can cause solderability problems
• Made in America
Technical Bulletin TB-3012
DUAL WIRE DUAL SNAP COIL CORD
WITH RIGHT ANGLE MONO PLUG
19862
6' Coil Cord, 4mm female snaps, right angle mono plug
19868
6’ Coil Cord, 7mm male snaps, right angle mono plug
19863
12' Coil Cord, 7mm male snaps, right angle mono plug
• Dual Wire Coil Cord provides redundancy; even if one conductor
is severed, operator has reliable path-to-ground with other wire
Used with resistive loop technology continuous monitor, continuously
verifies the proper resistance to ground of the operator
• Coil cord with molded 1 Megohm current limiting resistor on both
ground paths
Protects user from shock due to inadvertent contact with line voltage
• Custom manufactured right angle mono-plug
Reduces chance of accidental disconnects providing more secure
ground connection
Drawing 19868
For Dry Skin, Use
Reztore™ Lotion to
Improve Contact
19695
19868
81081
81080



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com